Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4256-02 Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # 4256-02
Description  75 廓 SPDT CATV UltraCMOS??Switch DC - 3.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4256-02 Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  4256-02 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4256-02 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4256-02 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4256-02 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4256-02 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4256-02 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4256-02 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4256-02 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Product Specification
PE4256
Page 3 of 8
Document No. 70-0144-04
│ www.psemi.com
©2010-2011 Peregrine Semiconductor Corp. All rights reserved.
Table 5. RF Path Truth Table
Table 6. Termination Truth Table
Notes: 1. The operation of the PE4256 is not supported or characterized in the
C1 = VDD and C2 = VDD state.
2. "X" denotes termination enabled.
C1
C2
RFC – RF1
RFC – RF2
Low
Low
OFF
OFF
Low
High
OFF
ON
High
Low
ON
OFF
High
High
N/A1
N/A1
C1
C2
RFC – 75
Ω RF1 – 75 Ω RF2 – 75 Ω
Low
Low
X2
X2
X2
Low
High
X2
High
Low
X2
High
High
N/A1
N/A1
N/A1
Switching Frequency
The PE4256 has a maximum 25 kHz switching
rate when the internal negative voltage generator
is used (pin 18 = GND).
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.


Similar Part No. - 4256-02

ManufacturerPart #DatasheetDescription
logo
Heyco.
4256 HEYCO-4256 Datasheet
93Kb / 1P
   Drive Fasteners
logo
Extech Instruments Corp...
42560 EXTECH-42560 Datasheet
253Kb / 12P
   InfraRed (IR) Thermometer with Wireless Datalogger, Type K input & Laser Pointer
logo
Turck, Inc.
4256000 TURCK-4256000 Datasheet
365Kb / 3P
   Inductive Sensor – Resistant to Magnetic Fields
11/07/2023
4256090 TURCK-4256090 Datasheet
365Kb / 3P
   Inductive Sensor
11/07/2023
4256094 TURCK-4256094 Datasheet
371Kb / 3P
   Inductive Sensor – Resistant to Magnetic Fields
11/07/2023
More results

Similar Description - 4256-02

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4280 PEREGRINE-PE4280 Datasheet
462Kb / 8P
   75 廓 SPDT CATV UltraCMOS??Switch DC - 2.2 GHz
PE4274 PEREGRINE-PE4274 Datasheet
468Kb / 12P
   75廓 Terminated - 2.2 GHz SPDT CATV UltraCMOS??Switch
logo
Peregrine Semiconductor
PE4280 PSEMI-PE4280_14 Datasheet
882Kb / 8P
   75 廓 SPDT CATV UltraCMOS?
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
295Kb / 8P
   75 廓 SPDT CATV UltraCMOS
PE4280 PEREGRINE-PE4280 Datasheet
261Kb / 8P
   75 廓 SPDT CATV UltraCMOS
logo
Peregrine Semiconductor
PE4256 PSEMI-PE4256_14 Datasheet
913Kb / 8P
   75 廓 SPDT CATV UltraCMOS?
PE4280MLIAA PSEMI-PE4280MLIAA Datasheet
882Kb / 8P
   75 SPDT CATV UltraCMOS Switch 5 MHz - 2.2 GHz
PE42742 PSEMI-PE42742_14 Datasheet
916Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch
PE4280 PSEMI-PE4280 Datasheet
261Kb / 8P
   SPDT CATV UltraCMOS Switch
PE4256 PSEMI-PE4256 Datasheet
295Kb / 8P
   SPDT CATV UltraCMOS Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com