Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP23015CFHTA Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXTP23015CFHTA
Description  15V, SOT23, PNP medium power transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTP23015CFHTA Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXTP23015CFHTA Datasheet HTML 1Page - Zetex Semiconductors ZXTP23015CFHTA Datasheet HTML 2Page - Zetex Semiconductors ZXTP23015CFHTA Datasheet HTML 3Page - Zetex Semiconductors ZXTP23015CFHTA Datasheet HTML 4Page - Zetex Semiconductors ZXTP23015CFHTA Datasheet HTML 5Page - Zetex Semiconductors ZXTP23015CFHTA Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Issue 1 - February 2006
1
www.zetex.com
© Zetex Semiconductors plc 2006
ZXTP23015CFH
15V, SOT23, PNP medium power transistor
Summary
V(BR)CES > -15V, V(BR)CEO > -15V
V(BR)ECO > -6V
IC(CONT) = -6A
RCE(SAT) = 20m typical
VCE(SAT) < -36mV @ -1A
PD = 1.25W
Complementary part number ZXTN23015CFH
Description
Advanced process capability and package design have been used to
maximize the power handling and performance of this small outline
transistor. The compact size and ratings of this device make it ideally
suited to applications where space is at a premium.
Feature
Higher power dissipation SOT23 package
High peak current
Low saturation voltage
15V forward blocking voltage
6V reverse blocking voltage
Applications
High side disconnect switches
•DC - DC converters
MOSFET and IGBT gate driving
Motor drive
Relay, lamp, and solenoid drive
Ordering information
Device marking
317
Device
Reel size
(inches)
Tape width
Quantity per reel
ZXTP23015CFHTA
7
8mm
3000
C
E
Pinout - top view
B


Similar Part No. - ZXTP23015CFHTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP23015CFHTA ZETEX-ZXTP23015CFHTA Datasheet
183Kb / 8P
   15V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP23015CFHTA DIODES-ZXTP23015CFHTA Datasheet
196Kb / 8P
   15V, SOT23, PNP medium power transistor
More results

Similar Description - ZXTP23015CFHTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP23015CFH DIODES-ZXTP23015CFH Datasheet
196Kb / 8P
   15V, SOT23, PNP medium power transistor
logo
Zetex Semiconductors
ZXTP23015CFH ZETEX-ZXTP23015CFH_07 Datasheet
183Kb / 8P
   15V, SOT23, PNP medium power transistor
ZXTP25015DFH ZETEX-ZXTP25015DFH Datasheet
364Kb / 6P
   15V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP25015DFH DIODES-ZXTP25015DFH Datasheet
367Kb / 6P
   15V, SOT23, PNP medium power transistor
ZXTN23015CFH DIODES-ZXTN23015CFH Datasheet
175Kb / 6P
   15V, SOT23, NPN medium power transistor
logo
Zetex Semiconductors
ZXTN23015CFH ZETEX-ZXTN23015CFH Datasheet
168Kb / 6P
   15V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
ZXTN25015DFH DIODES-ZXTN25015DFH Datasheet
408Kb / 6P
   15V, SOT23, NPN medium power transistor
ZTN23015CFHQ DIODES-ZTN23015CFHQ Datasheet
601Kb / 7P
   15V NPN MEDIUM POWER TRANSISTOR IN SOT23
July 2020 Rev. 1 - 2
ZXTP25012EFH DIODES-ZXTP25012EFH Datasheet
333Kb / 8P
   12V, SOT23, PNP medium power transistor
logo
Zetex Semiconductors
ZXTP25020CFH ZETEX-ZXTP25020CFH Datasheet
372Kb / 6P
   20V, SOT23, PNP medium power transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com