Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4257-00 Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # 4257-00
Description  50 짰SPDT Absorptive UltraCMOS DC - 3.0 GHz RF Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4257-00 Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  4257-00 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4257-00 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4257-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4257-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4257-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4257-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4257-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1 of 7
©2004-2009 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0166-06
│ www.psemi.com
20-Lead 4x4 mm QFN
The PE4257 is a high-isolation UltraCMOS™ Switch designed
for wireless applications, covering a broad frequency range
from near DC up to 3000 MHz. This single-supply SPDT
switch integrates a two-pin CMOS control interface. It also
provides low insertion loss with extremely low bias
requirements while operating on a single 3-volt supply. In a
typical wireless application, the PE4257 provides
unprecedented isolation and integration.
The PE4257 is manufactured on Peregrine’s UltraCMOS™
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate, offering the performance
of GaAs with the economy and integration of conventional
CMOS.
Product Specification
50
Ω SPDT Absorptive UltraCMOS™
DC – 3.0 GHz RF Switch
Product Description
Figure 1. Functional Diagram
PE4257
Features
50 Ω characteristic impedance
Integrated 50 Ω 0.25 watt terminations
High input IP3 > +55 dBm
High isolation 64 dB at 1000 MHz
Low insertion loss: typically 0.75 dB
at 1000 MHz and 0.95 dB at 2000 MHz
LV CMOS two-pin control
Single +3 volt supply operation
Low current consumption: 8 µA
Parameter
Condition
Minimum
Typical
Maximum
Units
Operating Frequency1
DC
3000
MHz
Insertion Loss
1000 MHz
2000 MHz
3000 MHz
0.75
0.95
1.2
0.95
1.15
1.4
dB
Isolation Input to Output
1000 MHz
2000 MHz
3000 MHz
61
46
40
64
50
44
dB
Isolation Output to Output
1000 MHz
2000 MHz
3000 MHz
57
54
42
63
60
48
dB
Input IP2
5 MHz - 1000 MHz
80
dBm
Input IP3
5 MHz - 1000 MHz
50
55
dBm
Input 1dB Compression2
1000 MHz
29
31
dBm
Switching Time
50% CTRL to 10 / 90 RF
2
µs
Video Feedthrough3
5 MHz - 1000 MHz
15
mVpp
Notes: 1. Device linearity will begin to degrade below 5 MHz.
2. Note Absolute Maximum ratings in Table 3.
3. Measured with a 1 ns risetime, 0/3 V pulse and 500 MHz bandwidth
Figure 2. Package Type
Table 1. Electrical Specifications @ +25 °C, VDD = 3.0 V (ZS = ZL = 50 Ω)
RF1
RF2
50
50
CMOS
Control
Driver
ESD
ESD
50
RFC
CTRL CTRL2


Similar Part No. - 4257-00

ManufacturerPart #DatasheetDescription
logo
Heyco.
4257 HEYCO-4257 Datasheet
93Kb / 1P
   Drive Fasteners
logo
Tyco Electronics
42579-1 MACOM-42579-1 Datasheet
944Kb / 22P
   FASTON Receptacles
More results

Similar Description - 4257-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4257 PSEMI-PE4257 Datasheet
300Kb / 7P
   SPDT Absorptive UltraCMOS DC??.0 GHz RF Switch
logo
Peregrine Semiconductor...
PE42641 PEREGRINE-PE42641 Datasheet
306Kb / 9P
   SP4T UltraCMOS RF Switch DC - 3.0 GHz
logo
Peregrine Semiconductor
PE4246 PSEMI-PE4246 Datasheet
462Kb / 8P
   Absorptive SPST UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE4259 PEREGRINE-PE4259 Datasheet
180Kb / 8P
   SPDT High Power UltraCMOS??DC - 3.0 GHz RF Switch
PE4246 PEREGRINE-PE4246 Datasheet
262Kb / 8P
   Absorptive SPST UltraCMOS??RF Switch: DC - 5000 MHz
logo
M/A-COM Technology Solu...
MASWCC0009 MA-COM-MASWCC0009_15 Datasheet
864Kb / 7P
   GaAs SP4T Switch, Absorptive DC - 3.0 GHz
logo
Tyco Electronics
SW-314-PIN MACOM-SW-314-PIN Datasheet
160Kb / 4P
   GaAs SP4T Absorptive Switch, DC-3.0 GHz
logo
M/A-COM Technology Solu...
SW15-0314 MA-COM-SW15-0314 Datasheet
117Kb / 4P
   GaAs SP4T Absorptive Switch, DC-3.0 GHz
logo
Peregrine Semiconductor
PE42421 PSEMI-PE42421 Datasheet
325Kb / 9P
   SPDT UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE42451 PSEMI-PE42451 Datasheet
619Kb / 11P
   SP5T Absorptive UltraCMOS High-Isolation RF Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com