Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9173-01 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9173-01
Description  Video Genlock PLL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9173-01 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9173-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS9173-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS9173-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS9173-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS9173-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS9173-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS9173-01 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
AV9173- 01
Using the AV9173- 01
Figure 1: Typical Application of AV9173-01 in a Video Genlock System
Most video sources, such as video cameras, are
asynchronous, free-running devices. To digitize video or
synchronize one video source to another free-running
reference video source, a video “genlock” (generator lock)
circuit is required. The AV9173-01 integrates the analog
blocks which make the task much easier.
In the complete video genlock circuit, the primary function of
the AV9173-01 is to provide the analog circuitry required to
generate the video dot clock within a PLL. This application is
illustrated in Figure 1. The input reference signal for this circuit
is the horizontal synchronization (h-sync) signal. If a
composite video reference source is being used, the h-sync
pulses must be separated from the composite signal. A video
sync separator circuit, such as the National Semiconductor
LM1881, can be used for this purpose.
The clock feedback divider shown in Figure 1 is a digital
divider used within the PLL to multiply the reference
frequency. Its divide ratio establishes how many video dot
clock cycles occur per h-sync pulse. For example, if 880 pixel
clocks are desired per h-sync pulse, then the divider ratio is set
to 880. Hence, together the h-sync frequency and external
divider ratio establish the dot clock frequency:
fOUT = fIN • N where N is external divide ratio
Both AV9173-01 input pins IN and FBIN respond only to
negative-going clock edges of the input signal. The h-sync
signal must be constant frequency in the 25 kHz to 1MHz range
and stable (low clock jitter) for creation of a stable output
clock.
Refer to Application Brief (AB01) for additional details on use
of input frequencies below 25kHz. By following the guidelines
in this brief and meeting the test conditions in the AC
specifications (VCO frequency), an input as low as 12kHz
(such as NTSC or PAL h-sync) can be used.
The output hook-up of the AV9173-01 is dictated by the
desired dot clock frequency. The primary consideration is the
internal VCO which operates over a frequency range of
10 MHz to 75 MHz. Because of the selectable VCO output
divider and the additional divider on output CLK2, four
distinct output frequency ranges can be achieved. The
following Table lists these ranges and the corresponding
device configuration.
Note that both outputs, CLK1 and CLK2, are available during
operation even though only one is fed back via the external
clock divider.
Pin 5, OE, tristates both CLK1 and CLK2 upon logic low input.
This feature can be used to revert dot clock control to the
system clock when not in genlock mode (hence, when in
genlock mode the system dot clock must be tristated).
When unused, inputs FS0 and OE must be tied to either GND
(logic low) or VDD (logic high).
For further discussion of VCO/PLL operation as it applies to
the AV9173-01, please refer to the AV9170 application note.
The AV9170 is a similar device with fixed feedback dividers for
skew control applications.
0
S
F
e
t
a
t
S
d
e
s
U
t
u
p
t
u
Oe
g
n
a
R
y
c
n
e
u
q
e
r
F
0
0
1
1
1
K
L
C
2
K
L
C
1
K
L
C
2
K
L
C
z
H
M
5
7
-
0
1
z
H
M
5
.
7
3
-
5
z
H
M
5
7
.
8
1
-
5
.
2
z
H
M
5
7
3
.
9
-
5
2
.
1


Similar Part No. - ICS9173-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS91730 ICST-ICS91730 Datasheet
128Kb / 11P
   Low EMI, Spread Modulating, Clock Generator
logo
Integrated Device Techn...
ICS91730 IDT-ICS91730 Datasheet
165Kb / 11P
   LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
logo
Renesas Technology Corp
ICS91730 RENESAS-ICS91730 Datasheet
334Kb / 12P
   LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
2019
logo
Integrated Circuit Syst...
ICS91730YMLF-T ICST-ICS91730YMLF-T Datasheet
128Kb / 11P
   Low EMI, Spread Modulating, Clock Generator
logo
Integrated Device Techn...
ICS9173B IDT-ICS9173B Datasheet
309Kb / 9P
   VIDEO GENLOCK PLL
More results

Similar Description - ICS9173-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT9173B IDT-IDT9173B Datasheet
310Kb / 9P
   VIDEO GENLOCK PLL
logo
Integrated Circuit Syst...
AV9173-01 ICST-AV9173-01 Datasheet
148Kb / 6P
   Video Genlock PLL
MK9173-01 ICST-MK9173-01 Datasheet
163Kb / 7P
   Video Genlock PLL
AV9173-15 ICST-AV9173-15 Datasheet
148Kb / 6P
   Video Genlock PLL
logo
Renesas Technology Corp
ICS9173B RENESAS-ICS9173B Datasheet
361Kb / 10P
   VIDEO GENLOCK PLL
012913
logo
Integrated Device Techn...
AV9173-15 IDT-AV9173-15 Datasheet
151Kb / 6P
   Video Genlock PLL
ICS9173B IDT-ICS9173B Datasheet
309Kb / 9P
   VIDEO GENLOCK PLL
logo
NXP Semiconductors
SAA7199B PHILIPS-SAA7199B Datasheet
188Kb / 40P
   Digital Video Encoder DENC GENLOCK-capable
1996 Sep 27
logo
National Semiconductor ...
LMH1982 NSC-LMH1982 Datasheet
504Kb / 28P
   Multi-Rate Video Clock Generator with Genlock
logo
Texas Instruments
LMH1982SQ-NOPB TI1-LMH1982SQ-NOPB Datasheet
1Mb / 43P
[Old version datasheet]   Multi-Rate Video Clock Generator with Genlock
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com