Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV9173-01CN08LF Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # AV9173-01CN08LF
Description  Video Genlock PLL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

AV9173-01CN08LF Datasheet(HTML) 2 Page - Integrated Circuit Systems

  AV9173-01CN08LF Datasheet HTML 1Page - Integrated Circuit Systems AV9173-01CN08LF Datasheet HTML 2Page - Integrated Circuit Systems AV9173-01CN08LF Datasheet HTML 3Page - Integrated Circuit Systems AV9173-01CN08LF Datasheet HTML 4Page - Integrated Circuit Systems AV9173-01CN08LF Datasheet HTML 5Page - Integrated Circuit Systems AV9173-01CN08LF Datasheet HTML 6Page - Integrated Circuit Systems AV9173-01CN08LF Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
AV9173-01
Pin Descriptions
Pin Configuration
8-Pin DIP or SOIC
Table 1: Allowable Input Frequency to Output Frequency (Outputs in MHz)
N
I
P
-
E
B
M
U
N
R
E
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
1N
I
B
Ft
u
p
n
It
u
p
n
I
k
c
a
b
d
e
e
F
2N
It
u
p
n
Ie
s
l
u
p
c
n
y
s
e
c
n
e
r
e
f
e
r
r
o
f
t
u
p
n
I
3D
N
G—
d
n
u
o
r
G
40
S
Ft
u
p
n
It
u
p
n
i
0
t
c
e
l
e
S
y
c
n
e
u
q
e
r
F
5E
Ot
u
p
n
Ie
l
b
a
n
E
t
u
p
t
u
O
61
K
L
Ct
u
p
t
u
O1
t
u
p
t
u
O
k
c
o
l
C
7
D
D
V
—)
V
5
+
(
y
l
p
p
u
S
r
e
w
o
P
82
K
L
C
t
u
p
t
u
O
)
1
k
c
o
l
C
m
o
r
f
2
-
y
b
-
d
e
d
i
v
i
D
(
2
t
u
p
t
u
O
k
c
o
l
C
f N
I
()
z
H
k
f T
U
O
)
z
H
M
(
0
=
S
F
r
o
ff T
U
O
)
z
H
M
(
1
=
S
F
r
o
f
t
u
p
t
u
O
1
K
L
Ct
u
p
t
u
O
2
K
L
Ct
u
p
t
u
O
1
K
L
Ct
u
p
t
u
O
2
K
L
C
2
1
f NI
z
H
k
4
1
5
7
o
t
0
.
4
45
.
7
3
o
t
0
.
2
25
7
.
8
1
o
t
0
.
1
15
7
3
.
9
o
t
5
.
5
4
1
< f NI
z
H
k
7
1
5
7
o
t
0
.
0
35
.
7
3
o
t
0
.
5
15
7
.
8
1
o
t
5
.
75
7
3
.
9
o
t
5
7
.
3
7
1
< f NI
z
H
k
0
3
5
7
o
t
0
.
5
25
.
7
3
o
t
5
.
2
15
7
.
8
1
o
t
5
2
.
65
7
3
.
9
o
t
5
2
1
.
3
0
3
< f NI
z
H
k
5
3
5
7
o
t
0
.
5
1
5
.
7
3
o
t
5
.
75
7
.
8
1
o
t
5
7
.
35
7
3
.
9
o
t
5
7
8
.
1
5
3
< f NI
z
H
k
0
0
0
1
5
7
o
t
0
.
0
1
5
.
7
3
o
t
0
.
55
7
.
8
1
o
t
5
.
2
5
7
3
.
9
o
t
5
2
.
1


Similar Part No. - AV9173-01CN08LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9173-01CN08 ICST-AV9173-01CN08 Datasheet
148Kb / 6P
   Video Genlock PLL
More results

Similar Description - AV9173-01CN08LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT9173B IDT-IDT9173B Datasheet
310Kb / 9P
   VIDEO GENLOCK PLL
logo
Integrated Circuit Syst...
AV9173-01 ICST-AV9173-01 Datasheet
148Kb / 6P
   Video Genlock PLL
MK9173-01 ICST-MK9173-01 Datasheet
163Kb / 7P
   Video Genlock PLL
AV9173-15 ICST-AV9173-15 Datasheet
148Kb / 6P
   Video Genlock PLL
logo
Renesas Technology Corp
ICS9173B RENESAS-ICS9173B Datasheet
361Kb / 10P
   VIDEO GENLOCK PLL
012913
logo
Integrated Device Techn...
AV9173-15 IDT-AV9173-15 Datasheet
151Kb / 6P
   Video Genlock PLL
ICS9173B IDT-ICS9173B Datasheet
309Kb / 9P
   VIDEO GENLOCK PLL
logo
NXP Semiconductors
SAA7199B PHILIPS-SAA7199B Datasheet
188Kb / 40P
   Digital Video Encoder DENC GENLOCK-capable
1996 Sep 27
logo
National Semiconductor ...
LMH1982 NSC-LMH1982 Datasheet
504Kb / 28P
   Multi-Rate Video Clock Generator with Genlock
logo
Texas Instruments
LMH1982SQ-NOPB TI1-LMH1982SQ-NOPB Datasheet
1Mb / 43P
[Old version datasheet]   Multi-Rate Video Clock Generator with Genlock
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com