Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4928TL Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4928TL
Description  1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4928TL Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4928TL Datasheet HTML 1Page - National Semiconductor (TI) LM4928TL Datasheet HTML 2Page - National Semiconductor (TI) LM4928TL Datasheet HTML 3Page - National Semiconductor (TI) LM4928TL Datasheet HTML 4Page - National Semiconductor (TI) LM4928TL Datasheet HTML 5Page - National Semiconductor (TI) LM4928TL Datasheet HTML 6Page - National Semiconductor (TI) LM4928TL Datasheet HTML 7Page - National Semiconductor (TI) LM4928TL Datasheet HTML 8Page - National Semiconductor (TI) LM4928TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Connection Diagrams
LLP Package
LLP Package Marking
20160006
Top View
Order Number LM4928SD
See NS Package Number SDA14A
20160004
Top View
Z — Assembly Plant Code
XY — 2 Digit Date Code
TT — Die Traceability
L4928 — LM4928
micro SMD Package
micro SMD Package Marking
20160003
Top View
Order Number LM4928TL
See NS Package Number TLA16
20160005
Top View
XY — 2 Digit Date COde
TT — Die Traceability
G — Boomer Family
F9 — LM4928T
LM4928TL Pin Descriptions
A1
IN1+
B1
IN1–
C1
IN2–
D1
IN2+
A2
VDD
B2
BYPASS
C2
SHUTDOWN
D2
VDD
A3
OUT1–
B3
OUT1+
C3
OUT2+
D3
OUT2–
A4
GND
B4
NC
C4
NC
D4
GND
www.national.com
3


Similar Part No. - LM4928TL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4928TL/NOPB TI1-LM4928TL/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Audio Power Amplifier Series 1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
LM4928TLX/NOPB TI1-LM4928TLX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Audio Power Amplifier Series 1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
More results

Similar Description - LM4928TL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4928 TI1-LM4928_14 Datasheet
1Mb / 28P
[Old version datasheet]   Audio Power Amplifier Series 1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
LM4941 TI1-LM4941 Datasheet
974Kb / 21P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
logo
National Semiconductor ...
LM4941 NSC-LM4941 Datasheet
714Kb / 13P
   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
logo
Texas Instruments
LM4941 TI1-LM4941_14 Datasheet
965Kb / 23P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
logo
National Semiconductor ...
LM4884 NSC-LM4884 Datasheet
1Mb / 22P
   2.1W Differential Input, BTL Output Stereo Audio Amplifier with RF Suppression and Shutdown
LM4927 NSC-LM4927 Datasheet
827Kb / 14P
   2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
logo
Texas Instruments
LM4898 TI1-LM4898_14 Datasheet
1Mb / 23P
[Old version datasheet]   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
National Semiconductor ...
LM4894 NSC-LM4894 Datasheet
770Kb / 19P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4898 NSC-LM4898 Datasheet
596Kb / 17P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 NSC-LM4923_07 Datasheet
390Kb / 14P
   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com