Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79R79JC Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM79R79JC
Description  Ringing Subscriber Line Interface Circuit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79R79JC Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM79R79JC Datasheet HTML 1Page - Advanced Micro Devices AM79R79JC Datasheet HTML 2Page - Advanced Micro Devices AM79R79JC Datasheet HTML 3Page - Advanced Micro Devices AM79R79JC Datasheet HTML 4Page - Advanced Micro Devices AM79R79JC Datasheet HTML 5Page - Advanced Micro Devices AM79R79JC Datasheet HTML 6Page - Advanced Micro Devices AM79R79JC Datasheet HTML 7Page - Advanced Micro Devices AM79R79JC Datasheet HTML 8Page - Advanced Micro Devices AM79R79JC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SLIC Products
3
ORDERING INFORMATION
Standard Products
Note:
* Functionality of the device from 0°C to +70°C is guaranteed by production testing. Performance from –40°C to +85°C is
guaranteed by characterization and periodic sampling of production units.
Am79R79
J
C
TEMPERATURE RANGE
C = Commercial (0°C to 70°C)*
PACKAGE TYPE
J = 32-pin Plastic Leaded Chip Carrier (PL 032)
DEVICE NUMBER/DESCRIPTION
Am79R79
JC
Valid Combinations
–1
PERFORMANCE GRADE OPTION
–1 = 52 dB Longitudinal Balance, Polarity Reversal
–2 = 63 dB Longitudinal Balance, Polarity Reversal
–3 = 52 dB Longitudinal Balance, No Polarity Reversal
–4 = 63 dB Longitudinal Balance, No Polarity Reversal
Valid Combinations
–1
–2
–3
–4
Valid Combinations list configurations planned to
be supported in volume for this device. Consult
the local AMD sales office to confirm availability of
specific valid combinations, to check on newly
released combinations, and to obtain additional
data on AMD’s standard military grade products.
AMD standard products are available in several packages and operating ranges. The order number (Valid Com-
bination) is formed by a combination of the elements below
Am79R79
Ringing Subscriber Line Interface Circuit


Similar Part No. - AM79R79JC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79R70 AMD-AM79R70 Datasheet
271Kb / 17P
   Ringing Subscriber Line Interface Circuit
AM79R70 AMD-AM79R70 Datasheet
355Kb / 20P
   Ringing Subscriber Line Interface Circuit
AM79R70-1JC AMD-AM79R70-1JC Datasheet
271Kb / 17P
   Ringing Subscriber Line Interface Circuit
AM79R70-1JC AMD-AM79R70-1JC Datasheet
355Kb / 20P
   Ringing Subscriber Line Interface Circuit
AM79R70-1SC AMD-AM79R70-1SC Datasheet
355Kb / 20P
   Ringing Subscriber Line Interface Circuit
More results

Similar Description - AM79R79JC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79R70 AMD-AM79R70_1 Datasheet
355Kb / 20P
   Ringing Subscriber Line Interface Circuit
AM79R70 AMD-AM79R70 Datasheet
271Kb / 17P
   Ringing Subscriber Line Interface Circuit
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com