Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTF3055L108D Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTF3055L108D
Description  Power MOSFET 3.0 A, 60 V, Logic Level, N?묬hannel SOT??23
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTF3055L108D Datasheet(HTML) 5 Page - ON Semiconductor

  NTF3055L108D Datasheet HTML 1Page - ON Semiconductor NTF3055L108D Datasheet HTML 2Page - ON Semiconductor NTF3055L108D Datasheet HTML 3Page - ON Semiconductor NTF3055L108D Datasheet HTML 4Page - ON Semiconductor NTF3055L108D Datasheet HTML 5Page - ON Semiconductor NTF3055L108D Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NTF3055L108
http://onsemi.com
5
10
1
0.001
100
10
1
0.1
0.001
1000
t, TIME (s)
1 x 1 inch 1 oz. Cu Pad (3 x 3 inch FR4)
Figure 13. Thermal Response
0.1
0.01
0.01
0.0001
0.00001
D = 0.5
0.2
0.1
0.05
0.02
0.01
Single Pulse
ORDERING INFORMATION
Device
Package
Shipping
NTF3055L108T1
SOT−223 (TO−261)
1000 / Tape & Reel
NTF3055L108T1G
SOT−223 (TO−261)
(Pb−Free)
1000 / Tape & Reel
NTF3055L108T3
SOT−223 (TO−261)
4000 / Tape & Reel
NTF3055L108T3G
SOT−223 (TO−261)
(Pb−Free)
4000 / Tape & Reel
NTF3055L108T3LF
SOT−223 (TO−261)
4000 / Tape & Reel
NTF3055L108T3LFG
SOT−223 (TO−261)
(Pb−Free)
4000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NTF3055L108D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTF3055L108 ONSEMI-NTF3055L108 Datasheet
79Kb / 6P
   3.0 A, 60 V, Logic Level, N.Channel SOT??23
July, 2014 ??Rev. 8
NTF3055L108 ONSEMI-NTF3055L108 Datasheet
81Kb / 6P
   Power MOSFET
July, 2016 ??Rev. 9
NTF3055L108T1G ONSEMI-NTF3055L108T1G Datasheet
117Kb / 6P
   Power MOSFET 3.0 A, 60 V, Logic Level, N?묬hannel SOT??23
October, 2011 ??Rev. 6
NTF3055L108T1G ONSEMI-NTF3055L108T1G Datasheet
81Kb / 6P
   Power MOSFET
July, 2016 ??Rev. 9
logo
VBsemi Electronics Co.,...
NTF3055L108T1G VBSEMI-NTF3055L108T1G Datasheet
1Mb / 8P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - NTF3055L108D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVF3055L108T1G ONSEMI-NVF3055L108T1G Datasheet
117Kb / 6P
   Power MOSFET 3.0 A, 60 V, Logic Level, N?묬hannel SOT??23
October, 2011 ??Rev. 6
NVF3055L108T3G ONSEMI-NVF3055L108T3G Datasheet
79Kb / 6P
   3.0 A, 60 V, Logic Level, N.Channel SOT??23
July, 2014 ??Rev. 8
MMFT960T1 ONSEMI-MMFT960T1_06 Datasheet
64Kb / 4P
   Power MOSFET 300 mA, 60 Volts N?묬hannel SOT??23
January, 2006 ??Rev. 5
NTMYS3D3N06CL ONSEMI-NTMYS3D3N06CL Datasheet
322Kb / 7P
   Power MOSFET 60 V, 3.0 m, 133 A, Single N?묬hannel
March, 2019-Rev. 0
NTD6600N ONSEMI-NTD6600N Datasheet
69Kb / 6P
   Power MOSFET 100 V, 12 A, N?묬hannel, Logic Level DPAK
March, 2007 ??Rev. 4
NVB60N06T4G ONSEMI-NVB60N06T4G Datasheet
165Kb / 9P
   Power MOSFET 60 V, 60 A, N?묬hannel D2PAK
October, 2011 ??Rev. 0
NVF2955PT1G ONSEMI-NVF2955PT1G Datasheet
116Kb / 5P
   Power MOSFET ??0 V, ??.6 A, Single P?묬hannel SOT??23
May, 2013 ??Rev. 6
MTP10N10EL ONSEMI-MTP10N10EL Datasheet
107Kb / 8P
   Power MOSFET 10 A, 100 V, Logic Level, N?묬hannel TO??20
March, 2005 ??Rev. 4
NTF3055L175 ONSEMI-NTF3055L175 Datasheet
66Kb / 6P
   Power MOSFET 2.0 A, 60 V, Logic Level
February, 2004 ??Rev. 2
NTD24N06L ONSEMI-NTD24N06L Datasheet
87Kb / 8P
   Power MOSFET 24 Amps, 60 Volts Logic Level, N?묬hannel DPAK
August, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com