Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90CAN32-UL Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT90CAN32-UL
Description  Microcontroller with 32/64k Bytes of ISP Flash and CAN Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN32-UL Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT90CAN32-UL Datasheet HTML 3Page - ATMEL Corporation AT90CAN32-UL Datasheet HTML 4Page - ATMEL Corporation AT90CAN32-UL Datasheet HTML 5Page - ATMEL Corporation AT90CAN32-UL Datasheet HTML 6Page - ATMEL Corporation AT90CAN32-UL Datasheet HTML 7Page - ATMEL Corporation AT90CAN32-UL Datasheet HTML 8Page - ATMEL Corporation AT90CAN32-UL Datasheet HTML 9Page - ATMEL Corporation AT90CAN32-UL Datasheet HTML 10Page - ATMEL Corporation AT90CAN32-UL Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
7538AS
–CAN–09/05
AT90CAN32/64
2.5
Pin Descriptions
2.5.1
VCC
Digital supply voltage.
2.5.2
GND
Ground.
2.5.3
Port A (PA7..PA0)
Port A is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port A output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port A pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port A pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port A also serves the functions of various special features of the AT90CAN32/64 as listed on
I/O-Ports paragraph of the complete Datasheet.
2.5.4
Port B (PB7..PB0)
Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port B output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port B pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port B pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port B also serves the functions of various special features of the AT90CAN32/64 as listed on
I/O-Ports paragraph of the complete Datasheet.
2.5.5
Port C (PC7..PC0)
Port C is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port C output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port C pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port C pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port C also serves the functions of special features of the AT90CAN32/64 as listed on I/O-Ports
paragraph of the complete Datasheet.
2.5.6
Port D (PD7..PD0)
Port D is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port D output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port D pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port D pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port D also serves the functions of various special features of the AT90CAN32/64 as listed on
I/O-Ports paragraph of the complete Datasheet.
2.5.7
Port E (PE7..PE0)
Port E is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port E output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port E pins that are externally pulled low will source current if the pull-up


Similar Part No. - AT90CAN32-UL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90CAN32-15AT ATMEL-AT90CAN32-15AT Datasheet
5Mb / 431P
   8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
AT90CAN32-15AT1 ATMEL-AT90CAN32-15AT1 Datasheet
5Mb / 431P
   8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
AT90CAN32-15AZ ATMEL-AT90CAN32-15AZ Datasheet
5Mb / 431P
   8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
AT90CAN32-15MT ATMEL-AT90CAN32-15MT Datasheet
5Mb / 431P
   8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
AT90CAN32-15MT1 ATMEL-AT90CAN32-15MT1 Datasheet
5Mb / 431P
   8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
More results

Similar Description - AT90CAN32-UL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90CAN32 ATMEL-AT90CAN32_06 Datasheet
273Kb / 16P
   Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
MEGA128CAN ATMEL-MEGA128CAN Datasheet
5Mb / 413P
   Microcontroller WITH 128K BYTES OF ISP FLASH AND CAN CONTROLLER
AT90CAN128-15AZ ATMEL-AT90CAN128-15AZ Datasheet
5Mb / 431P
   8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
AT90CAN128 ATMEL-AT90CAN128 Datasheet
461Kb / 15P
   8-bit Microcontroller with 128K Bytes of ISP Flash and CAN Controller
ATMEGA16U4 ATMEL-ATMEGA16U4_14 Datasheet
852Kb / 26P
   8-bit Microcontroller with 16/32 Bytes of ISP Flash and USB Controller
ATMEGA32U4 ATMEL-ATMEGA32U4_14 Datasheet
7Mb / 28P
   8-bit Microcontroller with 16/32 Bytes of ISP Flash and USB Controller
AT90CAN32 ATMEL-AT90CAN32_08 Datasheet
496Kb / 17P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
AT90USB646 ATMEL-AT90USB646_09 Datasheet
603Kb / 35P
   Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
logo
List of Unclassifed Man...
DOC7707 ETC1-DOC7707 Datasheet
3Mb / 307P
   Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
logo
ATMEL Corporation
AT90USB646 ATMEL-AT90USB646 Datasheet
3Mb / 434P
   Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com