Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4273-02 Datasheet(PDF) 6 Page - Peregrine Semiconductor Corp.

Part # 4273-02
Description  SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4273-02 Datasheet(HTML) 6 Page - Peregrine Semiconductor Corp.

Back Button 4273-02 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4273-02 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4273-02 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4273-02 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4273-02 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4273-02 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4273-02 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 4273-02 Datasheet HTML 9Page - Peregrine Semiconductor Corp. 4273-02 Datasheet HTML 10Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Product Specification
PE4273
Page 6 of 12
©2005-2012 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0174-05 │ UltraCMOS® RFIC Solutions
Figure 6. Evaluation Board Schematic
Peregrine Specification 102/0311


Similar Part No. - 4273-02

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
4273-02 PEREGRINE-4273-02 Datasheet
232Kb / 11P
   SPDT Broadband UltraCMOS DC - 3 GHz RF Switch
More results

Similar Description - 4273-02

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4272 PEREGRINE-PE4272 Datasheet
222Kb / 11P
   SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
PE4273 PEREGRINE-PE4273_06 Datasheet
232Kb / 11P
   SPDT Broadband UltraCMOS DC - 3 GHz RF Switch
logo
Peregrine Semiconductor
PE4272 PSEMI-PE4272 Datasheet
223Kb / 11P
   SPDT Broadband UltraCMOS DC ??3 GHz RF Switch
PE4257 PSEMI-PE4257 Datasheet
300Kb / 7P
   SPDT Absorptive UltraCMOS DC??.0 GHz RF Switch
logo
Peregrine Semiconductor...
PE4283 PEREGRINE-PE4283 Datasheet
230Kb / 11P
   SPDT High Power UltraCMOS??DC - 4.0 GHz RF Switch
logo
Peregrine Semiconductor
PE4283 PSEMI-PE4283 Datasheet
231Kb / 11P
   SPDT High Power UltraCMOS DC ??4.0 GHz RF Switch
PE4273 PSEMI-PE4273 Datasheet
298Kb / 12P
   SPDT Broadband UltraCMOS 5 ??3000 MHz RF Switch
logo
Peregrine Semiconductor...
PE4231 PEREGRINE-PE4231 Datasheet
270Kb / 7P
   SPDT High Power UltraCMOS - DC 1.3 GHz RF Switch
PE4259 PEREGRINE-PE4259 Datasheet
180Kb / 8P
   SPDT High Power UltraCMOS??DC - 3.0 GHz RF Switch
logo
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com