Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS72108ATP-7 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GS72108ATP-7
Description  256K x 8 2Mb Asynchronous SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS72108ATP-7 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GS72108ATP-7 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS72108ATP-7 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS72108ATP-7 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS72108ATP-7 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS72108ATP-7 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS72108ATP-7 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS72108ATP-7 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS72108ATP-7 Datasheet HTML 9Page - List of Unclassifed Manufacturers GS72108ATP-7 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
GS72108ATP/J
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.05 10/2004
6/12
© 2001, GSI Technology
AC Characteristics
* These parameters are sampled and are not 100% tested.
Read Cycle 1: CE = OE = VIL, WE = VIH
Read Cycle
Parameter
Symbol
-7
-8
-10
-12
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Read cycle time
tRC
7
8
10
12
ns
Address access time
tAA
7
8
10
12
ns
Chip enable access time (CE)tAC
7
8
10
12
ns
Byte enable access time (UB, LB)tAB
—3—
3.5
4
5
ns
Output enable to output valid (OE)tOE
3
3.5
4
5
ns
Output hold from address change
tOH
3
3
3
3
ns
Chip enable to output in low Z (CE)
tLZ*
3
3
3
3
ns
Output enable to output in low Z (OE)
tOLZ*
0
0
0
0
ns
Byte enable to output in low Z (UB, LB)
tBLZ*
0
0
0
0
ns
Chip disable to output in High Z (CE)
tHZ*
3.5
4
5
6
ns
Output disable to output in High Z (OE)
tOHZ*
3
3.5
4
5
ns
tAA
tOH
tRC
Address
Data Out
Previous Data
Data valid


Similar Part No. - GS72108ATP-7

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS72108J-10 GSI-GS72108J-10 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108J-10I GSI-GS72108J-10I Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108J-12 GSI-GS72108J-12 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108J-12I GSI-GS72108J-12I Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108J-15 GSI-GS72108J-15 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
More results

Similar Description - GS72108ATP-7

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS72108TP-10 GSI-GS72108TP-10 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N02L083WC2A NANOAMP-N02L083WC2A Datasheet
223Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 8 bit
logo
GSI Technology
GS72116TP GSI-GS72116TP Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
GS72116ATP GSI-GS72116ATP Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS78132B GSI-GS78132B Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS76024AB GSI-GS76024AB Datasheet
631Kb / 12P
   256K x 24 6Mb Asynchronous SRAM
GS76024B GSI-GS76024B Datasheet
220Kb / 11P
   256K x 24 6Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com