Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT709269L12PFI Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT709269L12PFI
Description  HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT709269L12PFI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT709269L12PFI Datasheet HTML 7Page - Integrated Device Technology IDT709269L12PFI Datasheet HTML 8Page - Integrated Device Technology IDT709269L12PFI Datasheet HTML 9Page - Integrated Device Technology IDT709269L12PFI Datasheet HTML 10Page - Integrated Device Technology IDT709269L12PFI Datasheet HTML 11Page - Integrated Device Technology IDT709269L12PFI Datasheet HTML 12Page - Integrated Device Technology IDT709269L12PFI Datasheet HTML 13Page - Integrated Device Technology IDT709269L12PFI Datasheet HTML 14Page - Integrated Device Technology IDT709269L12PFI Datasheet HTML 15Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
6.42
IDT709269S/L
Preliminary
High-Speed 16K x 16 Synchronous Pipelined Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
11
Timing Waveform of Flow-through Read-to-Write-to-Read (OE = VIL)(3)
Timing Waveform of Flow-through Read-to-Write-to-Read (OE Controlled)(3)
NOTES:
1.
Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2).
2. Output state (High, Low, or High-impedance is determined by the previous cycle control signals.
3.
CE0, UB, LB, and ADS = VIL; CE1, CNTEN, and CNTRST = VIH.
4. Addresses do not have to be accessed sequentially since
ADS = VIL constantly loads the address on the rising edge of the CLK; numbers are for reference use only.
5.
"NOP" is "No Operation." Data in memory at the selected address may be corrupted and should be re-written to guarantee data integrity.
R/
W
ADDRESS
An
An +1
An + 2
An + 2
An + 3
An + 4
DATAIN
Dn + 2
CE0
CLK
3493 drw 12
Qn
DATAOUT
CE1
UB, LB
tCD1
Qn + 1
tCH1
tCL1
tCYC1
tSD tHD
tCD1
tCD1
tDC
tCKHZ
Qn + 3
tCD1
tDC
tSC
tHC
tSB
tHB
tSW tHW
tSA
tHA
READ
NOP
READ
tCKLZ
(4)
(2)
(1)
(1)
tSW tHW
WRITE
(5)
R/
W
ADDRESS
An
An +1
An + 2
An + 3
An + 4
An + 5
(4)
DATAIN
Dn + 2
CE0
CLK
3493 drw 13
Qn
DATAOUT
CE1
UB, LB
tCD1
tCH1
tCL1
tCYC1
tSD tHD
tCD1
tDC
Qn + 4
tCD1
tDC
tSC
tHC
tSB
tHB
tSW tHW
tSA
tHA
READ
WRITE
READ
tCKLZ
(2)
Dn + 3
tOHZ
(1)
(1)
tSW tHW
OE
tOE


Similar Part No. - IDT709269L12PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT709269L12PFI IDT-IDT709269L12PFI Datasheet
314Kb / 18P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT709269L12PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9269 IDT-IDT70V9269 Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709379L9PF IDT-IDT709379L9PF Datasheet
187Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9369L IDT-IDT70V9369L_16 Datasheet
713Kb / 17P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3569S IDT-IDT70V3569S_14 Datasheet
180Kb / 17P
   HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709379 RENESAS-709379 Datasheet
360Kb / 17P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT70V9369 IDT-IDT70V9369 Datasheet
193Kb / 15P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709379 IDT-IDT709379_18 Datasheet
210Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9369 RENESAS-70V9369 Datasheet
510Kb / 18P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
NOVEMBER 2019
logo
Integrated Device Techn...
IDT709279 IDT-IDT709279_18 Datasheet
222Kb / 17P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709279 IDT-IDT709279 Datasheet
314Kb / 18P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com