Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8728ETJ+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8728ETJ+
Description  Low-Cost, Multiple-Output Power Supply for LCD Monitors/TVs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8728ETJ+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8728ETJ+ Datasheet HTML 4Page - Maxim Integrated Products MAX8728ETJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX8728ETJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX8728ETJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX8728ETJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX8728ETJ+ Datasheet HTML 9Page - Maxim Integrated Products MAX8728ETJ+ Datasheet HTML 10Page - Maxim Integrated Products MAX8728ETJ+ Datasheet HTML 11Page - Maxim Integrated Products MAX8728ETJ+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Low-Cost, Multiple-Output
Power Supply for LCD Monitors/TVs
8
_______________________________________________________________________________________
Typical Operating Characteristics
(Circuit of Figure 1. VIN = VINL = VSUPP = 12V, AVDD = 13.5V, VGON = 28V, VGOFF = -6V, VOUT1 = 3.3V, FSEL = GND, TA = +25°C,
unless otherwise noted.)
STEP-DOWN REGULATOR EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
50
55
60
65
70
75
80
85
90
0.01
0.1
1
10
EN = GND
EN = VL
NORMALIZED STEP-DOWN REGULATOR
OUTPUT VOLTAGE vs. LOAD CURRENT
LOAD CURRENT (A)
3.10
3.15
3.20
3.25
3.30
3.35
3.40
0.01
0.1
1
10
EN = GND
EN = VL
STEP-DOWN REGULATOR
LOAD TRANSIENT RESPONSE
0V
0V
0V
LOAD CONTROL, 5V/div
LX1, 20V/div
OUT1, AC, 100mV/div
INDUCTOR CURRENT, 1A/div
4
μs/div
STEP-DOWN REGULATOR
SOFT-START (HEAVY LOAD)
0V
0V
0V
VIN, 5V/div
OUT1, 2V/div
INDUCTOR CURRENT, 1A/div
400
μs/div
STEP-UP REGULATOR EFFICIENCY
vs. LOAD CURRENT (MEASURED AT L1/C3 JUNCTION)
LOAD CURRENT (A)
60
65
70
75
80
85
90
95
100
0.001
0.01
0.1
1
10
NORMALIZED STEP-UP REGULATOR
OUTPUT VOLTAGE vs. LOAD CURRENT
LOAD CURRENT (A)
13.30
13.35
13.40
13.45
13.50
13.55
13.60
0.01
0.1
1
10


Similar Part No. - MAX8728ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX872 MAXIM-MAX872 Datasheet
112Kb / 8P
   10關A, Low-Dropout, Precision Voltage References
Rev 2; 6/97
MAX872-MAX874 MAXIM-MAX872-MAX874 Datasheet
112Kb / 8P
   10關A, Low-Dropout, Precision Voltage References
Rev 2; 6/97
MAX8720 MAXIM-MAX8720 Datasheet
987Kb / 31P
   Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
MAX8720EEI MAXIM-MAX8720EEI Datasheet
987Kb / 31P
   Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
MAX8720ETX MAXIM-MAX8720ETX Datasheet
987Kb / 31P
   Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
More results

Similar Description - MAX8728ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17014 MAXIM-MAX17014 Datasheet
626Kb / 34P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 10/07
MAX17014 MAXIM-MAX17014_10 Datasheet
540Kb / 33P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 1; 11/09
MAX17113 MAXIM-MAX17113 Datasheet
1Mb / 30P
   Low-Cost, Multiple-Output Power Supply for LCD TVs
Rev 0; 8/09
MAX17014A MAXIM-MAX17014A Datasheet
626Kb / 32P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 8/08
MAX1530 MAXIM-MAX1530 Datasheet
708Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 0; 5/03
MAX1530 MAXIM-MAX1530_09 Datasheet
607Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 1; 11/09
logo
Monolithic Power System...
MP5600 MPS-MP5600 Datasheet
664Kb / 26P
   Compact Multiple-Output Power Supply for TV-LCD panel
logo
Global Mixed-mode Techn...
G5567 GMT-G5567 Datasheet
118Kb / 1P
   6-CH Bias Power Supply for LCD TVs
logo
Phihong USA Inc.
PSA-2041U PHIHONG-PSA-2041U Datasheet
82Kb / 2P
   Multiple Output Switching Power Supply
logo
Texas Instruments
TPS65194 TI-TPS65194_10 Datasheet
219Kb / 7P
[Old version datasheet]   13-Channel Level Shifter for LCD TVs and Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com