Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9247ECM+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9247ECM+
Description  27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9247ECM+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9247ECM+ Datasheet HTML 1Page - Maxim Integrated Products MAX9247ECM+ Datasheet HTML 2Page - Maxim Integrated Products MAX9247ECM+ Datasheet HTML 3Page - Maxim Integrated Products MAX9247ECM+ Datasheet HTML 4Page - Maxim Integrated Products MAX9247ECM+ Datasheet HTML 5Page - Maxim Integrated Products MAX9247ECM+ Datasheet HTML 6Page - Maxim Integrated Products MAX9247ECM+ Datasheet HTML 7Page - Maxim Integrated Products MAX9247ECM+ Datasheet HTML 8Page - Maxim Integrated Products MAX9247ECM+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
27-Bit, 2.5MHz-to-42MHz
DC-Balanced LVDS Serializer
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(VCC_ = +3.0V to +3.6V, RL = 100
Ω±1%, CL = 5pF, PWRDWN = high, PRE = low, TA = -40°C to +85°C, unless otherwise noted.
Typical values are at VCC_ = +3.3V, TA = +25
°C.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PCLK_IN TIMING REQUIREMENTS
Clock Period
tT
Figure 2
23.8
400.0
ns
Clock Frequency
fCLK
2.5
42.0
MHz
Clock Frequency Difference from
Deserializer Reference Clock
∆fCLK
-2
+2
%
Clock Duty Cycle
DC
tHIGH/tT or tLOW/tT, Figure 2
35
50
65
%
Clock Transition Time
tR, tF
Figure 2
2.5
ns
SWITCHING CHARACTERISTICS
PRE = low
280
370
Output Rise Time
tRISE
20% to 80%,
VOD
≥ 250mV, Figure 3
PRE = high
240
320
ps
PRE = low
280
370
Output Fall Time
tFALL
80% to 20%,
VOD
≥ 250mV, Figure 3
PRE = high
240
320
ps
Input Setup Time
tSET
Figure 4
3
ns
Input Hold Time
tHOLD
Figure 4
3
ns
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC_ = +3.0V to +3.6V, RL = 100
Ω±1%, PWRDWN = high, PRE = low, TA = -40°C to +85°C, unless otherwise noted. Typical values
are at VCC_ = +3.3V, TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Output Resistance
RO
78
110
147
PRE = 0
15
25
2.5MHz
PRE = 1
27
PRE = 0
18
25
5MHz
PRE = 1
27
PRE = 0
23
28
10MHz
PRE = 1
30
PRE = 0
33
39
20MHz
PRE = 1
42
PRE = 0
50
65
35MHz
PRE = 1
69
PRE = 0
60
70
Worst-Case Supply Current
ICCW
RL = 100
Ω ±1%,
CL = 5pF,
continuous 10
transition words
42MHz
PRE = 1
75
mA
Power-Down Supply Current
ICCZ
(Note 4)
50
µA


Similar Part No. - MAX9247ECM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9247ECM++ MAXIM-MAX9247ECM+ Datasheet
186Kb / 17P
   27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 3; 4/09
MAX9247ECM++ MAXIM-MAX9247ECM+ Datasheet
223Kb / 17P
   27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 4; 4/12
More results

Similar Description - MAX9247ECM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9247 MAXIM-MAX9247_09 Datasheet
186Kb / 17P
   27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 3; 4/09
MAX9247 MAXIM-MAX9247_12 Datasheet
223Kb / 17P
   27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 4; 4/12
MAX9248 MAXIM-MAX9248_14 Datasheet
211Kb / 20P
   27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 4; 7/14
MAX9248 MAXIM-MAX9248 Datasheet
195Kb / 20P
   27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 3; 4/09
MAX9217 MAXIM-MAX9217 Datasheet
222Kb / 16P
   27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Serializer
Rev 2; 10/05
MAX9217 MAXIM-MAX9217_V01 Datasheet
172Kb / 15P
   27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Serializer
19-3558; Rev 4; 8/09
MAX9218 MAXIM-MAX9218 Datasheet
273Kb / 16P
   27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Deserializer
Rev 1; 4/05
logo
National Semiconductor ...
DS90C124 NSC-DS90C124 Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103 NSC-DS99R103 Datasheet
890Kb / 22P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 NSC-DS99R105 Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com