Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP6956 Datasheet(PDF) 5 Page - Vaishali Semiconductor

Part # TSOP6956
Description  IR Receiver Modules for Remote Control Systems
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

TSOP6956 Datasheet(HTML) 5 Page - Vaishali Semiconductor

  TSOP6956 Datasheet HTML 1Page - Vaishali Semiconductor TSOP6956 Datasheet HTML 2Page - Vaishali Semiconductor TSOP6956 Datasheet HTML 3Page - Vaishali Semiconductor TSOP6956 Datasheet HTML 4Page - Vaishali Semiconductor TSOP6956 Datasheet HTML 5Page - Vaishali Semiconductor TSOP6956 Datasheet HTML 6Page - Vaishali Semiconductor TSOP6956 Datasheet HTML 7Page - Vaishali Semiconductor TSOP6956 Datasheet HTML 8Page - Vaishali Semiconductor TSOP6956 Datasheet HTML 9Page - Vaishali Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
VISHAY
TSOP69..
Document Number 84687
Rev. 1.0, 01-Mar-05
Vishay Semiconductors
www.vishay.com
5
Suitable Data Format
The circuit of the TSOP69.. is designed in that way
that unexpected output pulses due to noise or distur-
bance signals are avoided. A bandpass filter, a limiter
stage, an integrator stage and an automatic gain con-
trol are used to suppress such disturbances.
The distinguishing mark between data signal and dis-
turbance signal are carrier frequency, burst length
and duty cycle.
The data signal should fulfill the following conditions:
• Carrier frequency should be close to center fre-
quency of the bandpass (e.g. 38 kHz).
• Burst length should be 6 cycles/burst or longer.
• After each burst which is between 6 cycles and 120
cycles a gap time of at least 10 cycles is necessary.
• For each burst which is longer than 3.2 ms a corre-
sponding gap time is necessary at some time in the
data stream. This gap time should have at least same
length as the burst.
• Up to 2200 short bursts per second can be received
continuously.
Some examples for suitable data format are: NEC
Code, Toshiba Micom Format, Sharp Code, RC5
Code, RC6 Code, RCMM Code, R-2000 Code,
RECS-80 Code.
When a disturbance signal is applied to the TSOP69..
it can still receive the data signal. However the sensi-
tivity is reduced to that level that no unexpected
pulses will occur.
Some examples for such disturbance signals which
are suppressed by the TSOP69.. are:
• DC light (e.g. from tungsten bulb or sunlight)
• Continuous signal at 38 kHz or at any other fre-
quency
• Signals from fluorescent lamps with electronic bal-
lasts with various kinds of modulation
(see examples in Figure 13 and Figure 14).
Figure 13. IR Signal from Fluorescent Lamp with low Modulation
Figure 14. IR Signal from a Fluorescent Lamp with Spikes
0
5
10
15
20
Time ( ms )
16920
IR Signal from fluorescent
lamp with low modulation
Time(ms)
18659
0
1
2
3
4
5
6
7
8
9
02468
10


Similar Part No. - TSOP6956

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP61 VISHAY-TSOP61 Datasheet
417Kb / 13P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
TSOP61.. VISHAY-TSOP61.. Datasheet
417Kb / 13P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
TSOP6130 VISHAY-TSOP6130 Datasheet
414Kb / 13P
   IR Receiver Modules for Remote Control Systems
Rev. 1.7, 10-Jun-08
TSOP6130 VISHAY-TSOP6130 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
More results

Similar Description - TSOP6956

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com