Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC62LV4096AC-25 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # UC62LV4096AC-25
Description  Low Power CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UC62LV4096AC-25 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  UC62LV4096AC-25 Datasheet HTML 1Page - List of Unclassifed Manufacturers UC62LV4096AC-25 Datasheet HTML 2Page - List of Unclassifed Manufacturers UC62LV4096AC-25 Datasheet HTML 3Page - List of Unclassifed Manufacturers UC62LV4096AC-25 Datasheet HTML 4Page - List of Unclassifed Manufacturers UC62LV4096AC-25 Datasheet HTML 5Page - List of Unclassifed Manufacturers UC62LV4096AC-25 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC62LV4096AC-25 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC62LV4096AC-25 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC62LV4096AC-25 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Low Power CMOS SRAM
256K X 16
UC62LV4096
-55/-70
AC TEST CONDITIONS
Input Pulse Levels
Input Rise and Fall Times
Input and Output Timing Reference Level
VCC to 0V
1V/ns
0.5VCC
AC TEST LOADS AND WAVEFORMS
3.3V
OUTPUT
INCLUDING
JIG AND
SCOPE
FIGURE 1A
3.3V
OUTPUT
INCLUDING
JIG AND
SCOPE
FIGURE 1B
667
TERMINAL EQUIVALENT
OUTPUT
1.73V
GND
V
CC
1V/ns
1V/ns
10%
90%
90%
10%
ALL INPUT PULSES
FIGURE 2
KEY TO SWITCHING WAVEFORMS
WAVEFORMS
INPUTS
OUTPUTS
MUST BE
STEADY
MUST BE
STEADY
MAY CHANGE
FROM H TO L
WILL BE
CHANGE
FROM H TO L
MAY CHANGE
FROM L TO H
WILL BE
CHANGE
FROM L TO H
DON’T CARE
ANY CHANGE
PERMITTED
CHANGE
STATE
UNKNOWN
DOES NOT
APPLY
CENTER LINE
IS HIGH
IMPEDANCE
OFF STATE
AC ELECTRICAL CHARACTERISTICS (TA=0℃ to 70℃, VCC=1.5 V~3.6V)
READ CYCLE
UC62LV4096-55
UC62LV4096-70
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
Min
Typ
Max
Min
Typ
Max
UNIT
tAVAX
tRC
Read Cycle Time
55
-
-
70
-
-
ns
tAVQV
tAA
Address Access Time
-
-
55
-
-
70
ns
tELQV
tCE
Chip Select Access Time
-
-
55
-
-
70
ns
tBA
tBA
Data Byte Control Access Time
30
35
ns
tGLQV
tOE
Output Enable to Output Valid
-
-
30
-
-
35
ns
tELQX
tCLZ
Chip Select to Output Low Z
10
-
-
10
-
-
ns
tGLQX
tOLZ
Output Enable to Output Low Z
5
-
-
5
-
-
ns
tBE
tBE
Data Byte Control To Output Low Z
10
10
ns
tEHQZ
tCHZ
Chip Deselect to Output in High Z
-
-
20
-
-
20
ns
tGHQZ
tOHZ
Output Disable to Output in High Z
-
-
20
-
-
20
ns
tBDO
tBDO
Data Byte Control To Output High Z
-
20
-
20
ns
tAXOX
tOH
Address Chang to Output Change
10
-
-
10
-
-
ns
U-Chip Technology Corp. LTD.
Preliminary
Rev. 1.0
Reserves the right to modify document contents without notice.
PAGE 4


Similar Part No. - UC62LV4096AC-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC62LV4008 ETC1-UC62LV4008 Datasheet
480Kb / 9P
   Low Power CMOS SRAM
UC62LV4008CA-55 ETC1-UC62LV4008CA-55 Datasheet
480Kb / 9P
   Low Power CMOS SRAM
UC62LV4008CA-70 ETC1-UC62LV4008CA-70 Datasheet
480Kb / 9P
   Low Power CMOS SRAM
UC62LV4008CF-55 ETC1-UC62LV4008CF-55 Datasheet
480Kb / 9P
   Low Power CMOS SRAM
UC62LV4008CF-70 ETC1-UC62LV4008CF-70 Datasheet
480Kb / 9P
   Low Power CMOS SRAM
More results

Similar Description - UC62LV4096AC-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC62LV4008 ETC1-UC62LV4008 Datasheet
480Kb / 9P
   Low Power CMOS SRAM
UC62LV2008 ETC1-UC62LV2008 Datasheet
487Kb / 11P
   Low Power CMOS SRAM
UC62LV2048 ETC-UC62LV2048 Datasheet
510Kb / 9P
   Low Power CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6416-55BIN ALSC-AS6C6416-55BIN Datasheet
699Kb / 11P
   Low Power CMOS SRAM
logo
List of Unclassifed Man...
UC62LS2048 ETC1-UC62LS2048 Datasheet
460Kb / 9P
   Low Power CMOS SRAM
UC62LS4096 ETC1-UC62LS4096 Datasheet
462Kb / 9P
   Low Power CMOS SRAM
UC62LV1024 ETC1-UC62LV1024 Datasheet
463Kb / 9P
   Low Power CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6416-55TIN ALSC-AS6C6416-55TIN Datasheet
671Kb / 12P
   LOW POWER CMOS SRAM
AS6C3216A-55BIN ALSC-AS6C3216A-55BIN Datasheet
651Kb / 11P
   Low Power CMOS SRAM
logo
Holtek Semiconductor In...
HT62L256 HOLTEK-HT62L256 Datasheet
115Kb / 10P
   CMOS 32Kx8 Low Power SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com