Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN6914UBS Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AN6914UBS
Description  Industrial Surface Mounting Package Comparator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN6914UBS Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AN6914UBS Datasheet HTML 1Page - Panasonic Semiconductor AN6914UBS Datasheet HTML 2Page - Panasonic Semiconductor AN6914UBS Datasheet HTML 3Page - Panasonic Semiconductor AN6914UBS Datasheet HTML 4Page - Panasonic Semiconductor AN6914UBS Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–50
–25
0
25
50
Ambient Temperature Ta (˚C)
75
100
125
150
VOL–Ta (CH–1)
VCC=5V
ISINK=10mA
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–50
–25
0
25
50
Ambient Temperature Ta (˚C)
75
100
125
150
VOL–Ta (CH–2)
VCC=5V
ISINK=10mA
Test item
Test condition
No.of tested pieces
Total test time
No. of failures
1. Results of Reliability Test
s Reliability of AN6914UBS
High-temperature operation
150
120
3600
160
50
16000
0
0
0
0
Ta=125˚C
VCC=12V
+150˚C
–65˚C
500 cycles
+125
– 40˚C
10000 cycles
Ta=125˚C
Leaving under high temperature
Thermal shock
Temperature cycle
2. Failure Rate (Refer to JIS-C-5003)
Assuming that the total test time = T(No. of test pieces
×
test time) and the No. of failures = r, the failure rate can
be calculated by obtaining r/T and multiplying it by the
numerical values commensurate with the reliability level
and the number of defective ICs.
If the failure rate (FR) is calculated from the results of
the above high temperature test of the AN6914UBS,
assuming that the reliability level is 60%;
Assuming that activation energy is 1.0 eV, FR will be
38 Fit at worst (Ta=100˚C) because an acceleration
factor differs by about 1 digit between at 125˚C and
100˚C.
T=150
× 16000=2.4 × 106(hours)
r=0 comes to 0.92 at the level of 60%.
FR=0.92/2.4
× 106=3.8 × 10–7=380Fit
Condition
Flow Chart
Screening Regulations
Assembly Finish
Assembly
Temperature Cycle Test
Normal Temperature
Characteristics Inspection
High Temperature
Characteristics Inspection
Shipping Inspection
Shipping
Inspection
Screening
150˚C=30min.,
–50˚C=30min.,
Move=5min.,
Frequency=5times
Ta=100˚C
Ta=25˚C


Similar Part No. - AN6914UBS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6914 PANASONIC-AN6914 Datasheet
29Kb / 3P
   Dual Comparators
logo
List of Unclassifed Man...
AN6914 ETC2-AN6914 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN6914S PANASONIC-AN6914S Datasheet
29Kb / 3P
   Dual Comparators
More results

Similar Description - AN6914UBS

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
ISRC059X IDEA-ISRC059X Datasheet
30Kb / 1P
   T-5/8 Surface Mounting Tape & Reel Package
logo
NEC
UB23SNUL NEC-UB23SNUL Datasheet
129Kb / 12P
   Super-compact size, Slim-package, Surface mounting type
logo
IDEA.lnc.
ISRC058X IDEA-ISRC058X Datasheet
30Kb / 1P
   T-5/8 Surface Mounting Tape & Reel Package
logo
Intersil Corporation
CA311 INTERSIL-CA311 Datasheet
486Kb / 8P
   Voltage Comparator For Commercial Industrial Applications
logo
Advantech Co., Ltd.
ARES-1 ADVANTECH-ARES-1 Datasheet
682Kb / 4P
   Industrial VESA mounting kit
18-Feb-2023
logo
Vishay Siliconix
VS-VSKU105 VISHAY-VS-VSKU105 Datasheet
269Kb / 9P
   Industrial standard package
Revision: 24-Mar-14
VS-VSKU91 VISHAY-VS-VSKU91 Datasheet
280Kb / 9P
   Industrial standard package
Revision: 24-Mar-14
VS-VSKT91 VISHAY-VS-VSKT91 Datasheet
340Kb / 9P
   Industrial standard package
Revision: 24-Mar-14
VS-VSKT105 VISHAY-VS-VSKT105 Datasheet
316Kb / 9P
   Industrial standard package
Revision: 21-Mar-14
VS-VSKT152 VISHAY-VS-VSKT152 Datasheet
216Kb / 9P
   Industrial standard package
Revision: 11-Apr-14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com