Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC826XAZUSPM Datasheet(PDF) 8 Page - Motorola, Inc

Part # MPC826XAZUSPM
Description  MPC826xA (HiP4) Family Hardware Specifications
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC826XAZUSPM Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MPC826XAZUSPM Datasheet HTML 4Page - Motorola, Inc MPC826XAZUSPM Datasheet HTML 5Page - Motorola, Inc MPC826XAZUSPM Datasheet HTML 6Page - Motorola, Inc MPC826XAZUSPM Datasheet HTML 7Page - Motorola, Inc MPC826XAZUSPM Datasheet HTML 8Page - Motorola, Inc MPC826XAZUSPM Datasheet HTML 9Page - Motorola, Inc MPC826XAZUSPM Datasheet HTML 10Page - Motorola, Inc MPC826XAZUSPM Datasheet HTML 11Page - Motorola, Inc MPC826XAZUSPM Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
8
MPC826xA (HiP4) Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Electrical and Thermal Characteristics
Table 4 lists recommended operational voltage conditions.
NOTE
VDDH and VDD must track each other and both must vary in the same
direction—in the positive direction (+5% and +0.1 Vdc) or in the negative
direction (-5% and -0.1 Vdc).
This device contains circuitry protecting against damage due to high static voltage or electrical fields;
however, it is advised that normal precautions be taken to avoid application of any voltages higher than
maximum-rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused
inputs are tied to an appropriate logic voltage level (either GND or VCC).
Table 3. Absolute Maximum Ratings1
1 Absolute maximum ratings are stress ratings only; functional operation (see
Table 4) at the maximums is not guaranteed. Stress beyond those listed may
affect device reliability or cause permanent damage.
Rating
Symbol
Value
Unit
Core supply voltage2
2 Caution: VDD/VCCSYN must not exceed VDDH by more than 0.4 V at any time,
including during power-on reset.
VDD
-0.3 – 2.5
V
PLL supply voltage2
VCCSYN
-0.3 – 2.5
V
I/O supply voltage3
3 Caution: VDDH can exceed VDD/VCCSYN by 3.3 V during power on reset by no
more than 100 mSec. VDDH should not exceed VDD/VCCSYN by more than
2.5 V during normal operation.
VDDH
-0.3 – 4.0
V
Input voltage4
4 Caution: VIN must not exceed VDDH by more than 2.5 V at any time, including
during power-on reset.
VIN
GND(-0.3) – 3.6
V
Junction temperature
Tj
120
˚C
Storage temperature range
TSTG
(-55) – (+150)
˚C
Table 4. Recommended Operating Conditions1
1 Caution: These are the recommended and tested operating conditions. Proper device
operating outside of these conditions is not guaranteed.
Rating
Symbol
Value
Unit
Core supply voltage
VDD
1.7 – 2.12/ 1.9 –2.13
2 For devices operating at less than 233 MHz CPU, 166 MHz CPM, and 66 MHz bus
frequencies.
3 For devices operating at greater than or equal to 233 MHz CPU, 166 MHz CPM, and
66 MHz bus frequencies.
V
PLL supply voltage
VCCSYN
1.7 – 2.12/1.9–2.13
V
I/O supply voltage
VDDH
3.135 – 3.465
V
Input voltage
VIN
GND (-0.3) – 3.465
V
Junction temperature (maximum)
Tj
1054
4 Note that for extended temperature parts the range is (-40)
TA
– 105Tj.
˚C
Ambient temperature
TA
0–704
˚C


Similar Part No. - MPC826XAZUSPM

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC826XAZU FREESCALE-MPC826XAZU Datasheet
889Kb / 52P
   PowerQUICC??II Integrated Communications Processor Hardware Specifications
MPC826XAZU FREESCALE-MPC826XAZU Datasheet
847Kb / 50P
   PowerQUICC II Integrated Communications Processor Hardware Specifications
More results

Similar Description - MPC826XAZUSPM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC8260 MOTOROLA-MPC8260 Datasheet
662Kb / 48P
   MPC826xA (HiP4) Family Hardware Specifications
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Family Hardware Specifications
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Family Hardware Specifications
logo
Freescale Semiconductor...
MAC7100 FREESCALE-MAC7100 Datasheet
1Mb / 56P
   Microcontroller Family Hardware Specifications
MPC862 FREESCALE-MPC862_06 Datasheet
1Mb / 88P
   PowerQUICC??Family Hardware Specifications
MPC860 FREESCALE-MPC860_07 Datasheet
1Mb / 80P
   PowerQUICC??Family Hardware Specifications
MPC8270VVUPEA FREESCALE-MPC8270VVUPEA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8270ZQMIBA FREESCALE-MPC8270ZQMIBA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8247VRTMFA FREESCALE-MPC8247VRTMFA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
logo
Motorola, Inc
MPC8280 MOTOROLA-MPC8280 Datasheet
1Mb / 76P
   PowerQUICC II Family Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com