Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9328AF Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC9328AF Datasheet HTML 2Page - Toshiba Semiconductor TC9328AF Datasheet HTML 3Page - Toshiba Semiconductor TC9328AF Datasheet HTML 4Page - Toshiba Semiconductor TC9328AF Datasheet HTML 5Page - Toshiba Semiconductor TC9328AF Datasheet HTML 6Page - Toshiba Semiconductor TC9328AF Datasheet HTML 7Page - Toshiba Semiconductor TC9328AF Datasheet HTML 8Page - Toshiba Semiconductor TC9328AF Datasheet HTML 9Page - Toshiba Semiconductor TC9328AF Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 84 page
background image
TC9328AF
2002-02-07
6
Pin No.
Symbol
Pin Name
Function and Operation
Remarks
36~39
P4-0/BUZR
P4-1/SI
P4-2/SO
P4-3/SCK
I/O port 4
/Buzzer output
/Serial data input
/Serial data output
/Serial clock I/O
4-bit I/O ports, allowing input and output
to be programmed in 1-bit units.
The P4-0 pin is also used for buzzer
output. P4-1 to P4-3 are also used as
serial interface circuit (SIO) input /
output pins.
The buzzer output can select 8 kinds of
0.625 to 3 kHz frequencies with 4
modes: continuous output, single-shot
output, 10 Hz intermittent output, and
10 Hz intermittent 1 Hz interval output.
SIO functions for 4-bit or 8-bit serial
data inputs from the SI pin and outputs
from the SO pin at the SCK pin clock
edge.
The clock for serial operation (SCK) is
capable of internal (SCK
= 37.5 kHz)/
external options and rise/fall shift
options. The SO pin is also capable of
switching to serial inputs (SI),
facilitating the control of various LSI’s
and communication between
controllers.
When SIO interrupts are enabled, an
interrupt is generated after SIO
execution and the program jumps to
address 4.
This is useful for high-speed serial
communications.
All SIO inputs use built-in Schmitt
circuits.
P3-3 pins also functions as the output
for a built-in buzzer.
SIO, buzzer, and all associated controls
can be programmed.
40
MUTE
Muting output port
1-bit output port, normally used for
muting control signal output.
This pin can set the internal MUTE bit
to “1” according to a change in the input
of I/O port 1 and HOLD . MUTE bit
output logic can be changed.
41
TEST
Test mode control
input
Input pin used for controlling TEST
mode.
“H” (high) level indicates TEST mode,
while “L” (low) indicates normal
operation.
The pin is normally used at low level or
in NC (no connection) state.
(A pull-down resistor is builtin).
VDD
VDD
RIN2
Input instruction
+ SIOon
(P4-1~P4-3)
VDD
(P4-0)
Input
instruction
VDD


Similar Part No. - TC9328AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9328AF TOSHIBA-TC9328AF Datasheet
1,020Kb / 84P
   Portable Audio DTS Controller (DTS-21)
TC9328AF TOSHIBA-TC9328AF_04 Datasheet
1,020Kb / 84P
   Portable Audio DTS Controller (DTS-21)
More results

Similar Description - TC9328AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9329AFAG TOSHIBA-TC9329AFAG Datasheet
1Mb / 83P
   Portable Audio DTS Controller (DTS-21)
TC9328AF TOSHIBA-TC9328AF_04 Datasheet
1,020Kb / 84P
   Portable Audio DTS Controller (DTS-21)
TC9329FA TOSHIBA-TC9329FA Datasheet
1Mb / 83P
   Portable Audio DTS Controller (DTS-21)
2001-07-24
TC9327BFG TOSHIBA-TC9327BFG Datasheet
1Mb / 71P
   DTS Microcontroller (DTS-21)
TC9349AFG TOSHIBA-TC9349AFG Datasheet
2Mb / 129P
   Single-Chip DTS Microcontroller (DTS-21)
TC9318AFAG TOSHIBA-TC9318AFAG Datasheet
1Mb / 56P
   Single Chip DTS Microcontroller (DTS-21)
TC9308AF-022 TOSHIBA-TC9308AF-022 Datasheet
120Kb / 3P
   DTS MICRO CONTROLLER
TC9308AF-028 TOSHIBA-TC9308AF-028 Datasheet
117Kb / 3P
   DTS MICRO CONTROLLER
TC9316F-001 TOSHIBA-TC9316F-001 Datasheet
128Kb / 3P
   DTS MICRO CONTROLLER
TC9307AF-010 TOSHIBA-TC9307AF-010 Datasheet
599Kb / 16P
   SINGLECHIP DTS MICRO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com