Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4283 Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # PE4283
Description  SPDT High Power UltraCMOS??DC - 4.0 GHz RF Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4283 Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  PE4283 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4283 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4283 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4283 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4283 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4283 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4283 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4283 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4283 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Page 1 of 11
Document No. 70-0177-04
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
Parameter
Conditions
Typical
Units
Operation Frequency1
DC - 4000
MHz
Insertion Loss
1000 MHz
2500 MHz
0.65
0.70
dB
dB
Isolation: RFC - RF1/RF2
1000 MHz
2500 MHz
33.5
21.5
dB
dB
Isolation: RF1 - RF2
1000 MHz
2500 MHz
37.5
22
dB
dB
‘ON’ Switching Time
50% CTRL to 0.1 dB of final value, 1 GHz
0.725
µs
‘OFF’ Switching Time
50% CTRL to 25 dB isolation, 1 GHz
0.625
µs
Input 1 dB Compression
1000 MHz
+32
dBm
Input IP3
1000 MHz, 20 dBm input power
+53
dBm
Min
DC
31.5
19.5
35.5
20
30
Max
4000
0.75
0.80
1.5
1.3
Return Loss
1000 MHz
2500 MHz
19
16
dB
dB
RFC
RF1
RF2
CMOS
Control
Driver
V1
V2
The PE4283 RF Switch is designed to cover a broad range
of applications from DC through 4000 MHz. This reflective
switch integrates on-board CMOS control logic with a low
voltage CMOS-compatible control interface, and can be
controlled using either single-pin or complementary control
inputs. The PE4283 operates using a +3 volt power supply.
The PE4283 SPDT High Power RF Switch is manufactured
on Peregrine’s UltraCMOS™ process, a patented variation
of silicon-on-insulator (SOI) technology on a sapphire
substrate, offering the performance of GaAs with the
economy and integration of conventional CMOS.
Product Specification
SPDT High Power UltraCMOS™
DC – 4.0 GHz RF Switch
Product Description
Figure 1. Functional Diagram
PE4283
Features
Single-pin or complementary CMOS
logic control inputs
1.5 kV ESD tolerance
Low insertion loss: 0.65 dB at
1000 MHz, 0.70 dB at 2500 MHz
RFC-RF1/RF2 isolation of 33.5 dB at
1000 MHz, 21.5 dB at 2500 MHz
RF1-RF2 isolation of 37.5 dB at
1000 MHz, 22 dB at 2500 MHz
Typical input 1 dB compression point
of +32 dBm
Ultra-small SC-70 package
Note: 1. Device linearity will begin to degrade below 10 MHz.
Table 1. Electrical Specifications @ +25 °C, VDD = 3 V (ZS = ZL = 50 Ω)
Figure 2. Package Type SC-70
6-lead SC-70


Similar Part No. - PE4283

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4283 PASTERNACK-PE4283 Datasheet
212Kb / 2P
   75 Ohm SMC Jack Bulkhead Connector Clamp/Solder Attachment For RG180, RG195, .285 inch D Hole
logo
Peregrine Semiconductor
PE4283 PSEMI-PE4283 Datasheet
231Kb / 11P
   SPDT High Power UltraCMOS DC ??4.0 GHz RF Switch
logo
Peregrine Semiconductor...
PE4283 PEREGRINE-PE4283 Datasheet
231Kb / 11P
   SPDT High Power UltraCMOS
PE4283 PEREGRINE-PE4283_15 Datasheet
231Kb / 10P
   RF Switch
More results

Similar Description - PE4283

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4283 PSEMI-PE4283 Datasheet
231Kb / 11P
   SPDT High Power UltraCMOS DC ??4.0 GHz RF Switch
logo
Peregrine Semiconductor...
PE4231 PEREGRINE-PE4231 Datasheet
270Kb / 7P
   SPDT High Power UltraCMOS - DC 1.3 GHz RF Switch
PE4259 PEREGRINE-PE4259 Datasheet
180Kb / 8P
   SPDT High Power UltraCMOS??DC - 3.0 GHz RF Switch
PE4272 PEREGRINE-PE4272 Datasheet
222Kb / 11P
   SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
PE4273 PEREGRINE-PE4273_06 Datasheet
232Kb / 11P
   SPDT Broadband UltraCMOS DC - 3 GHz RF Switch
logo
Peregrine Semiconductor
PE4272 PSEMI-PE4272 Datasheet
223Kb / 11P
   SPDT Broadband UltraCMOS DC ??3 GHz RF Switch
logo
Peregrine Semiconductor...
PE4273 PEREGRINE-PE4273 Datasheet
200Kb / 12P
   SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
logo
Peregrine Semiconductor
PE4257 PSEMI-PE4257 Datasheet
300Kb / 7P
   SPDT Absorptive UltraCMOS DC??.0 GHz RF Switch
logo
Peregrine Semiconductor...
PE4230 PEREGRINE-PE4230 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
logo
Peregrine Semiconductor
PE4259 PSEMI-PE4259 Datasheet
479Kb / 9P
   SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com