Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP09N70P Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP09N70P
Description  N-CHANNEL ENHANCEMENT MODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP09N70P Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP09N70P Datasheet HTML 1Page - Advanced Power Electronics Corp. AP09N70P Datasheet HTML 2Page - Advanced Power Electronics Corp. AP09N70P Datasheet HTML 3Page - Advanced Power Electronics Corp. AP09N70P Datasheet HTML 4Page - Advanced Power Electronics Corp. AP09N70P Datasheet HTML 5Page - Advanced Power Electronics Corp. AP09N70P Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Dynamic dv/dt Rating
BVDSS
600/675V
▼ Repetitive Avalanche Rated
RDS(ON)
0.75Ω
▼ Fast Switching
ID
9A
▼ Simple Drive Requirement
Description
Absolute Maximum Ratings
Symbol
Units
VDS
Drain-Source Voltage
V
VGS
Gate-Source Voltage
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
1
A
PD@TC=25℃
Total Power Dissipation
W
W/℃
EAS
Single Pulse Avalanche Energy
2
mJ
IAR
Avalanche Current
A
EAR
Repetitive Avalanche Energy
mJ
TSTG
TJ
Operating Junction Temperature Range
Thermal Data
Symbol
Value
Unit
Rthj-c
Thermal Resistance Junction-case
Max.
0.8
℃/W
Rthj-a
Thermal Resistance Junction-ambient
Max.
62
℃/W
Data & specifications subject to change without notice
AP09N70P/R
Rating
600/675
9
40
156
9
5
305
1.25
-55 to 150
Parameter
200218032
Parameter
Linear Derating Factor
- /A
9
Storage Temperature Range
-55 to 150
AP09N70 series are specially designed as main switching devices for universal
90~265VAC off-line AC/DC converter applications.Both TO-220 and TO-262
type provide high blocking voltage to overcome voltage surge and sag in the
toughest power system with the best combination of fast switching,ruggedized
design and cost-effectiveness.
The TO-220 and TO-262 package is universally preferred for all commercial-
industrial applications. The device is suited for switch mode power supplies
,DC-AC converters and high current high speed switching circuits.
G
D
S
± 30
G
D
S
TO-262(R)
G
D
S
TO-220(P)
G
D
S


Similar Part No. - AP09N70P

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP09N70P-A A-POWER-AP09N70P-A Datasheet
62Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
AP09N70P-A VBSEMI-AP09N70P-A Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
Advanced Power Electron...
AP09N70P-A-HF A-POWER-AP09N70P-A-HF_14 Datasheet
58Kb / 4P
   Fast Switching Characteristic
AP09N70P-A-HF A-POWER-AP09N70P-A-HF_16 Datasheet
105Kb / 5P
   Fast Switching Characteristic
AP09N70P-A A-POWER-AP09N70P-A_08 Datasheet
126Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP09N70P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
   N P-Channel Enhancement Mode Enhancement Mode
logo
IXYS Corporation
IXTQ110N10P IXYS-IXTQ110N10P Datasheet
578Kb / 5P
   N-Channel Enhancement Mode
logo
Advanced Power Electron...
AP2604Y A-POWER-AP2604Y Datasheet
78Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
AP9980H A-POWER-AP9980H Datasheet
79Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
   N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP15N03P A-POWER-AP15N03P Datasheet
84Kb / 6P
   N-CHANNEL ENHANCEMENT MODE
logo
STMicroelectronics
STL4N10F7 STMICROELECTRONICS-STL4N10F7 Datasheet
897Kb / 14P
   N-channel enhancement mode
March 2014 Rev 4
STL20DN10F7 STMICROELECTRONICS-STL20DN10F7 Datasheet
900Kb / 14P
   N-channel enhancement mode
April 2014 Rev 3
logo
TY Semiconductor Co., L...
BSH105 TYSEMI-BSH105 Datasheet
40Kb / 2P
   N-channel enhancement mode
logo
Unisonic Technologies
UTD408 UTC-UTD408 Datasheet
201Kb / 5P
   N-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com