Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4407I Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP4407I
Description  P-CHANNEL ENHANCEMENT MODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4407I Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP4407I Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4407I Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4407I Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4407I Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AP4407F/I
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
0
10
20
30
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0
50
100
150
200
250
0123
45678
-V DS , Drain-to-Source Voltage (V)
T C =25
o C
-10V
-8.0V
-6.0V
-4.5V
V G =-3.0V
10
15
20
25
3579
11
-V GS , Gate-to-Source Voltage (V)
I D = -16 A
T C =25
0
50
100
150
01
234
56
78
-V DS , Drain-to-Source Voltage (V)
-10V
-8.0V
-6.0V
-4.5V
V G =-3.0V
T C =150
o C
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =-24A
V G =-10V
0.5
1.0
1.5
2.0
2.5
3.0
-50
0
50
100
150
T j , Junction Temperature (
o C)


Similar Part No. - AP4407I

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4407I-HF A-POWER-AP4407I-HF Datasheet
100Kb / 4P
   Lower On-resistance, Fast Switching Characteristic
AP4407I-HF A-POWER-AP4407I-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
AP4407I-HF A-POWER-AP4407I-HF_16 Datasheet
103Kb / 5P
   Fast Switching Characteristic
More results

Similar Description - AP4407I

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VP0808L-G SUTEX-VP0808L-G Datasheet
575Kb / 3P
   P-Channel Enhancement-Mode P-Channel Enhancement-Mode
logo
Advanced Power Electron...
AP3310H A-POWER-AP3310H Datasheet
86Kb / 6P
   P-CHANNEL ENHANCEMENT MODE
AP9563H A-POWER-AP9563H Datasheet
78Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
AP4407S A-POWER-AP4407S Datasheet
79Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
AP4435M A-POWER-AP4435M Datasheet
85Kb / 6P
   P-CHANNEL ENHANCEMENT MODE
AP9575H A-POWER-AP9575H Datasheet
77Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
logo
Unisonic Technologies
UT3401Z UTC-UT3401Z Datasheet
307Kb / 5P
   P-CHANNEL ENHANCEMENT MODE
UT4411 UTC-UT4411 Datasheet
267Kb / 6P
   P-CHANNEL ENHANCEMENT MODE
logo
Linear Integrated Syste...
3N163-4 LINEAR-3N163-4 Datasheet
18Kb / 2P
   P-CHANNEL ENHANCEMENT MODE
logo
Alpha & Omega Semicondu...
AO6409AL AOSMD-AO6409AL Datasheet
285Kb / 5P
   P-Channel Enhancement Mode
logo
Unisonic Technologies
UT9435 UTC-UT9435 Datasheet
192Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com