Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4304-52 Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # 4304-52
Description  75 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC - 2.0 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4304-52 Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  4304-52 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4304-52 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4304-52 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4304-52 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4304-52 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4304-52 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4304-52 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4304-52 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 4304-52 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Page 1 of 11
Document No. 70-0066-04
│ www.psemi.com
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
The PE4304 is a 75-ohm high-linearity, 6-bit RF Digital Step
Attenuator (DSA) covering a 31.5 dB attenuation range in 0.5
dB steps. The PE4304 provides both a parallel (latched or
direct mode) and serial CMOS control interface, operates on a
single 3-volt supply and maintains high attenuation accuracy
over frequency and temperature. It also has a unique control
interface that allows the user to select an initial attenuation
state at power-up. The PE4304 exhibits very low insertion loss
and low power consumption. This functionality is delivered in a
4x4 mm QFN footprint.
The PE4304 is manufactured on Peregrine’s UltraCMOS™
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate, offering the performance
of GaAs with the economy and integration of conventional
CMOS.
Product Specification
75
Ω RF Digital Attenuator
6-bit, 31.5 dB, DC – 2.0 GHz
Product Description
Figure 1. Functional Schematic Diagram
PE4304
Features
75 Ω impedance
Attenuation: 0.5 dB steps to 31.5 dB
Low distortion for CATV and multi-carrier
applications
Flexible parallel and serial programming
interfaces
Unique power-up state selection
Positive CMOS control logic
High attenuation accuracy and linearity
over temperature and frequency
Very low power consumption
Single-supply operation
Packaged in a 20 lead 4x4 mm QFN
Table 1. Electrical Specifications @ +25 °C, VDD = 3.0 V, Zo = 75 Ω
Notes: 1. Device Linearity will begin to degrade below 1Mhz
2. Max input rating in Table 3 & Figures on Pages 4 to 6 for data across frequency.
3. Note Absolute Maximum in Table 3.
4. Measured in a 50
Ω system.
Control Logic Interface
Parallel Control
Power-Up Control
Serial Control
RF Input
RF Output
Switched Attenuator Array
6
3
2
Parameter
Test Conditions
Frequency
Minimum
Typical
Maximum
Units
Operation Frequency
DC
2000
MHz
Insertion Loss2
DC
≤ 1.2 GHz
-
1.4
1.8
dB
Attenuation Accuracy
Any Bit or Bit
Combination
DC
≤ 1.2 GHz
-
-
±(0.15 + 4% of attenuation
setting)
dB
1 dB Compression3,4
1 MHz
≤ 1.2 GHz
30
34
-
dBm
Input IP31,2,4
Two-tone inputs up to
+18 dBm
1 MHz
≤ 1.2 GHz
-
52
-
dBm
Return Loss
DC
≤ 1.2 GHz
10
13
-
dB
Switching Speed
50% control to 0.5 dB
of final value
-
-
1
µs
Figure 2. Package Type
4x4 mm 20-Lead QFN


Similar Part No. - 4304-52

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4304.4001 SCHURTER-4304.4001 Datasheet
565Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
04.01.2022
4304.4002 SCHURTER-4304.4002 Datasheet
565Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
04.01.2022
4304.4003 SCHURTER-4304.4003 Datasheet
565Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
04.01.2022
4304.4004 SCHURTER-4304.4004 Datasheet
565Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
04.01.2022
4304.4005 SCHURTER-4304.4005 Datasheet
565Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
04.01.2022
More results

Similar Description - 4304-52

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4309 PEREGRINE-PE4309 Datasheet
576Kb / 6P
   50 OHM RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4302DS PEREGRINE-PE4302DS Datasheet
456Kb / 11P
   50 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHZ
logo
M/A-COM Technology Solu...
AT65-0107 MA-COM-AT65-0107 Datasheet
150Kb / 6P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT65-0107 MACOM-AT65-0107 Datasheet
301Kb / 5P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-107-PIN MA-COM-AT-107-PIN Datasheet
135Kb / 4P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT20-0107 MA-COM-AT20-0107 Datasheet
172Kb / 4P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT-107-PIN MA-COM-AT-107-PIN_15 Datasheet
636Kb / 5P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT20-0107 MACOM-AT20-0107 Datasheet
305Kb / 3P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0005 MA-COM-MAATCC0005 Datasheet
151Kb / 6P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
Peregrine Semiconductor...
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
   50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com