Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4305 Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # 4305
Description  50 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 4.0 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4305 Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  4305 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4305 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4305 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4305 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4305 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4305 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4305 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4305 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 4305 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Product Specification
PE4305
Page 3 of 11
Document No. 70/0159~02C
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
Figure 8. Attenuation Error Vs. Attenuation
Setting at 10 MHz and 510 MHz
Figure 10. Attenuation Error Vs. Attenuation
Setting at
1510 MHz and 2010 MHz
Figure 9. Attenuation Error Vs. Attenuation
Setting 1010 MHz and 1210 MHz
Figure 7. Attenuation Error Vs. Frequency
Typical Performance Data (25°C, VDD=3.0 V)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
15.5 dB
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0246
8
10
12
14
16
10 MHz @ 25 C
510 MHz @ 25 C
10 MHz @ -40 C
510 MHz @ -40 C
10 MHz @ 85 C
510 MHz @ 85 C
Attenuation State (dB)
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0246
8
10
12
14
16
1010 MHz @ 25 C
1010 MHz @ -40 C
1010 MHz @ 85 C
1210 MHZ @ 25 C
1210 MHz @ -40 C
1210 MHz @ 85 C
Attenuation State (dB)
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0246
8
10
12
14
16
1510 MHz @ 25 C
1510 MHz @ -40 C
1510 MHz @ 85 C
2010 MHz @ 25 C
2010 MHz @ -40 C
2010 MHz @ 85 C
Attenuation State (dB)


Similar Part No. - 4305

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4305.0001 SCHURTER-4305.0001 Datasheet
162Kb / 1P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
4305.0001 SCHURTER-4305.0001 Datasheet
563Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-or 2-pole (5 x 20 mm or 6.3x32 mm, with or without voltage selector (series-parallel)
4305.0001 SCHURTER-4305.0001 Datasheet
563Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
4305.0001 SCHURTER-4305.0001 Datasheet
206Kb / 2P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
04.01.2022
4305.0006 SCHURTER-4305.0006 Datasheet
162Kb / 1P
   Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
More results

Similar Description - 4305

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306 Datasheet
451Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PE4307 PEREGRINE-PE4307 Datasheet
547Kb / 11P
   75 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 2.0 GHz
PE4309 PEREGRINE-PE4309_07 Datasheet
337Kb / 9P
   50 廓 RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE43072 PEREGRINE-PE43072 Datasheet
464Kb / 11P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
PE4306 PEREGRINE-PE4306_08 Datasheet
454Kb / 11P
   50 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PE43701 PEREGRINE-PE43701 Datasheet
404Kb / 13P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0021 MA-COM-MAATSS0021 Datasheet
75Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
AT-280 MA-COM-AT-280 Datasheet
81Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
Tyco Electronics
AT-280 MACOM-AT-280 Datasheet
96Kb / 2P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2 GHz
MAATSS0021 MACOM-MAATSS0021 Datasheet
176Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com