Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4307-02 Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # 4307-02
Description  75 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 2.0 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4307-02 Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  4307-02 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4307-02 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4307-02 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4307-02 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4307-02 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4307-02 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4307-02 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4307-02 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 4307-02 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Product Specification
PE4307
Document No. 70-0161-05 │ www.psemi.com
Page 3 of 11
©2003-2013 Peregrine Semiconductor Corp. All rights reserved.
Evaluation Kit
The Digital Attenuator Evaluation Kit was designed to
ease customer evaluation of the PE4307 DSA.
J9 is used in conjunction with the supplied DC cable to
supply VDD, GND, and –VDD. If use of the internal
negative voltage generator is desired, then connect –
VDD (black banana plug) to ground. If an external –VDD
is desired, then apply -3V.
J1 should be connected to the LPT1 port of a PC with
the supplied control cable. The evaluation software is
written to operate the DSA in serial mode, so switch 7
(P/S) on the DIP switch SW1 should be ON with all
other switches off. Using the software, enable or
disable each attenuation setting to the desired
combined attenuation. The software automatically
programs the DSA each time an attenuation state is
enabled or disabled.
Note: Jumper J6 supplies power to the evaluation
board support circuits.
To evaluate the Power Up options, first disconnect the
control cable from the evaluation board. The control
cable must be removed to prevent the PC port from
biasing the control pins.
During power up with P/S=1 high and LE=1, the default
power-up signal attenuation is set to the value present
on the five control bits on the five parallel data inputs
(C0.5 to C8). This allows any one of the 32 attenuation
settings to be specified as the power-up state.
During power up with P/S=0 high and LE=0, the control
bits are automatically set to one of two possible values
presented through the PUP interface. These two values
are selected by the power-up control bit, PUP2, as
shown in Table 6.
Pins 1 and 7 are open and may be connected to any
bias.
Figure 4. Evaluation Board Layout
Figure 5. Evaluation Board Schematic
Note: Resistor on pin 3 is required and
should be placed as close to the part as
possible to avoid package resonance and
meet error specifications over frequency.
Peregrine Specification 102/0142
Figure 4. Evaluation Board Layout
Peregrine Specification 101/0112


Similar Part No. - 4307-02

ManufacturerPart #DatasheetDescription
logo
API Delevan
4307-106K API-4307-106K Datasheet
1Mb / 1P
   Molded Shielded RF Coils
4307-125K API-4307-125K Datasheet
1Mb / 1P
   Molded Shielded RF Coils
4307-126K API-4307-126K Datasheet
1Mb / 1P
   Molded Shielded RF Coils
4307-155K API-4307-155K Datasheet
1Mb / 1P
   Molded Shielded RF Coils
4307-156K API-4307-156K Datasheet
1Mb / 1P
   Molded Shielded RF Coils
More results

Similar Description - 4307-02

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAATSS0021 MA-COM-MAATSS0021 Datasheet
75Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
AT-280 MA-COM-AT-280 Datasheet
81Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
Tyco Electronics
MAATSS0021 MACOM-MAATSS0021 Datasheet
176Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
Peregrine Semiconductor...
PE4305 PEREGRINE-PE4305 Datasheet
457Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 4.0 GHz
logo
Peregrine Semiconductor
PE43404MLI-Z PSEMI-PE43404MLI-Z Datasheet
964Kb / 11P
   75 廓 RF Digital Attenuator 4-bit, 15 dB, DC ??2.0 GHz
logo
Tyco Electronics
AT65-0283 MACOM-AT65-0283 Datasheet
231Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-283-PIN MA-COM-AT-283-PIN Datasheet
133Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAAD-007084-000100 MA-COM-MAAD-007084-000100 Datasheet
127Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
MAAD-007084-000100 MACOM-MAAD-007084-000100 Datasheet
233Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT65-0283 MA-COM-AT65-0283 Datasheet
126Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com