Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8408801FA Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # 8408801FA
Description  DUAL J-NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

8408801FA Datasheet(HTML) 3 Page - Texas Instruments

  8408801FA Datasheet HTML 1Page - Texas Instruments 8408801FA Datasheet HTML 2Page - Texas Instruments 8408801FA Datasheet HTML 3Page - Texas Instruments 8408801FA Datasheet HTML 4Page - Texas Instruments 8408801FA Datasheet HTML 5Page - Texas Instruments 8408801FA Datasheet HTML 6Page - Texas Instruments 8408801FA Datasheet HTML 7Page - Texas Instruments 8408801FA Datasheet HTML 8Page - Texas Instruments 8408801FA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SN54HC112, SN74HC112
DUAL JK NEGATIVEEDGETRIGGERED FLIPFLOPS
WITH CLEAR AND PRESET
SCLS099F − DECEMBER 1982 − REVISED SEPTEMBER 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 3)
SN54HC112
SN74HC112
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2
5
6
2
5
6
V
VCC = 2 V
1.5
1.5
VIH
High-level input voltage
VCC = 4.5 V
3.15
3.15
V
VIH
High-level input voltage
VCC = 6 V
4.2
4.2
V
VCC = 2 V
0.5
0.5
VIL
Low-level input voltage
VCC = 4.5 V
1.35
1.35
V
VIL
Low-level input voltage
VCC = 6 V
1.8
1.8
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
VCC = 2 V
1000
1000
tt‡
Input transition (rise and fall) time
VCC = 4.5 V
500
500
ns
tt‡
Input transition (rise and fall) time
VCC = 6 V
400
400
ns
TA
Operating free-air temperature
−55
125
−40
85
°C
‡ If this device is used in the threshold region (from VILmax = 0.5 V to VIHmin = 1.5 V), there is a potential to go into the wrong state from induced
grounding, causing double clocking. Operating with the inputs at tt = 1000 ns and VCC = 2 V does not damage the device; however, functionally,
the CLK inputs are not ensured while in the shift, count, or toggle operating modes.
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - 8408801FA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
8408801FA TI1-8408801FA Datasheet
610Kb / 18P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
More results

Similar Description - 8408801FA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC11112 TI-54AC11112 Datasheet
94Kb / 7P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54LS112A TI-SN54LS112A Datasheet
300Kb / 9P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
CD54ACT112 TI-CD54ACT112_08 Datasheet
546Kb / 13P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Renesas Technology Corp
HD74LS112 RENESAS-HD74LS112 Datasheet
291Kb / 11P
   Dual J-K Negative-edge-triggered Flip-Flops (with Preset and Clear)
Jul.13.2005
logo
Texas Instruments
SN54ALS112A TI-SN54ALS112A Datasheet
96Kb / 6P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Hitachi Semiconductor
HD74LS112 HITACHI-HD74LS112 Datasheet
76Kb / 7P
   Dual J-K Negative-edge-triggered Flip-Flops(with Preset and Clear)
logo
Texas Instruments
SN54HC112 TI1-SN54HC112_14 Datasheet
610Kb / 18P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD54AC112 TI-CD54AC112_06 Datasheet
336Kb / 11P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD54AC112 TI-CD54AC112 Datasheet
331Kb / 6P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC112 TI-SN54HC112 Datasheet
445Kb / 14P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com