Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC90A80N Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TC90A80N
Description  3-Line Digital Comb Filter for VCR, YNR/CNR, and Skew Correctors (NTSC)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC90A80N Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TC90A80N Datasheet HTML 7Page - Toshiba Semiconductor TC90A80N Datasheet HTML 8Page - Toshiba Semiconductor TC90A80N Datasheet HTML 9Page - Toshiba Semiconductor TC90A80N Datasheet HTML 10Page - Toshiba Semiconductor TC90A80N Datasheet HTML 11Page - Toshiba Semiconductor TC90A80N Datasheet HTML 12Page - Toshiba Semiconductor TC90A80N Datasheet HTML 13Page - Toshiba Semiconductor TC90A80N Datasheet HTML 14Page - Toshiba Semiconductor TC90A80N Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TC90A80N/F
2002-12-04
11
Maximum Rating (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage
VDD
VSS + 6.0
V
Input voltage
VIN
VSS
0.3 to VDD + 0.3
V
Potential difference between power
supply pins
(Note 2)
VDG
0.4
V
TC90A80N
900
Power dissipation
(Note 3)
TC90A80F
PD
600
mW
Storage temperature
Tstg
-55 to +125
°C
Note 2: Connect pin 3 to pin 23. The potential difference among all power supply pins, 3 (23), 12, 13, and 20, must
not exceed 0.4 V.
The potential difference among VSS pins 5, 10, 21, and 26 must not exceed 0.01 V.
Note 3: Ta = 75
°C for TC90A80F mounted on a PCB (70 mm × 70 mm × 1.6 mm)
Recommended Operating Conditions
Characteristics
Symbol
Min
Typ.
Max
Unit
Supply voltage
VDD
4.75
5.00
5.25
V
Potential difference between pins 3
and 23
(Note 4)
VDG1
0
0.04
V
Potential difference among power
supply pins 3,12, 13, and 20
VDG2
0
0.15
V
Potential difference among VSS pins
5, 10, 21, and 26
VSG
0
0.01
V
Input voltage
VIN
0
VDD
V
Operating temperature
Topr
10
75
°C
Note 4: Since power supply pins 3 and 23 are connected in the IC, supply power to them at the same voltage.
If there is a large potential difference between the pins, a large current flows through the IC causing
degradation or damage due to heat stress.
Maximum ratings: A set of specified parameter values which must not be exceeded during operation, even for an
instant. If any of these limit values is exceeded during operation, it causes permanent damage to
the TC90A80N/F. Therefore, care must be exercised that the TC90A80N/F operates within the
specified ranges.
Recommended operating conditions: Minimum, typical and maximum values for key operating parameters such as
supply voltage, DC voltage and operating temperature. Ensuring that the
parameter values remain within these specified ranges during operation will
help to ensure that the integrity of the TC90A80N/F is not compromised. When
designing video equipment, be aware that the TC90A80N/F can function within
the recommended operating ranges.


Similar Part No. - TC90A80N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC90A13F TOSHIBA-TC90A13F Datasheet
542Kb / 14P
   3 LINE DIGITAL Y/C SEPARATION IC
TC90A13N TOSHIBA-TC90A13N Datasheet
542Kb / 14P
   3 LINE DIGITAL Y/C SEPARATION IC
TC90A17F TOSHIBA-TC90A17F Datasheet
1Mb / 30P
   PAP/PIP/POP CINTROLLER FOR NTCS /PAL WIDE TV
TC90A18AF TOSHIBA-TC90A18AF Datasheet
324Kb / 8P
   TIME COMPRESSION LSI FOR EDTV-II WIDE-SCREEN TVs
TC90A30AF TOSHIBA-TC90A30AF Datasheet
1Mb / 36P
   toshiba cmos digital intergrated circuit silicon monolithic
More results

Similar Description - TC90A80N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2043Q SONY-CXD2043Q Datasheet
157Kb / 11P
   Digital Comb Filter (NTSC)
CXD2073Q SONY-CXD2073Q Datasheet
160Kb / 11P
   Digital Comb Filter (NTSC)
CXD2073S SONY-CXD2073S Datasheet
144Kb / 11P
   Digital Comb Filter (NTSC)
CXD2093Q SONY-CXD2093Q Datasheet
235Kb / 15P
   Digital Comb Filter (NTSC)
CXD2064Q SONY-CXD2064Q Datasheet
266Kb / 15P
   Digital Comb Filter (NTSC/PAL)
logo
Toshiba Semiconductor
TL8857F TOSHIBA-TL8857F Datasheet
450Kb / 13P
   NTSC SKEW CORRECTION IC FOR VCR
logo
NXP Semiconductors
TDA9183 PHILIPS-TDA9183 Datasheet
106Kb / 24P
   Integrated NTSC comb filter
2000 Nov 30
SAA4963 PHILIPS-SAA4963 Datasheet
116Kb / 20P
   Integrated NTSC comb filter
1997 Mar 03
logo
Sony Corporation
CXD2044Q SONY-CXD2044Q Datasheet
242Kb / 12P
   Digital Comb Filter (NTSC/PAL/PAL-M/PAL-N)
logo
Texas Instruments
TVP5147M1PFP TI-TVP5147M1PFP Datasheet
1Mb / 99P
[Old version datasheet]   NTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION, YPbPr INPUTS, AND 5-LINE COMB FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com