Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UNR4124 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # UNR4124
Description  UNR412x Series (UN412x Series) Silicon PNP epitaxial planar type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UNR4124 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  UNR4124 Datasheet HTML 1Page - Panasonic Semiconductor UNR4124 Datasheet HTML 2Page - Panasonic Semiconductor UNR4124 Datasheet HTML 3Page - Panasonic Semiconductor UNR4124 Datasheet HTML 4Page - Panasonic Semiconductor UNR4124 Datasheet HTML 5Page - Panasonic Semiconductor UNR4124 Datasheet HTML 6Page - Panasonic Semiconductor UNR4124 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UNR412x Series
3
SJH00019BED
Cob  VCB
IO  VIN
VIN  IO
Characteristics charts of UNR4122
IC  VCE
VCE(sat)  IC
hFE  IC
Characteristics charts of UNR4121
IC  VCE
VCE(sat)  IC
hFE  IC
0
0
−12
−2
−10
−4
−8
−6
−240
−200
−160
−120
−80
−40
Collector-emitter voltage V
CE (V)
Ta
= 25°C
IB
= −1.0 mA
− 0.1 mA
− 0.2 mA
− 0.3 mA
− 0.4 mA
− 0.5 mA
− 0.6 mA
− 0.7 mA
− 0.8 mA
− 0.9 mA
− 0.01
−1
− 0.1
−1
−10
−100
−10
−100
−1000
Collector current I
C (mA)
IC / IB
= 10
Ta
= 75°C
25
°C
−25°C
0
−1
100
200
300
400
−10
−100
−1000
VCE
= −10 V
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
0
− 0.1
12
10
8
6
4
2
−1
−10
−100
f
= 1 MHz
IE
= 0
Ta
= 25°C
Collector-base voltage V
CB (V)
−1
− 0.4
−10
−102
−103
−104
−1.4
−1.2
−1.0
− 0.8
− 0.6
VO
= −5 V
Ta
= 25°C
Input voltage V
IN (V)
− 0.01
− 0.1
− 0.1
−1
−10
−100
−1
−10
−100
Output current I
O (mA)
VO
= − 0.2 V
Ta
= 25°C
0
0
−12
−2
−10
−4
−8
−6
−300
−250
−200
−150
−100
−50
Ta
= 25°C
IB
= −1.0 mA
− 0.1 mA
− 0.2 mA
− 0.3 mA
− 0.4 mA
− 0.5 mA
− 0.6 mA
− 0.7 mA
− 0.8 mA
− 0.9 mA
Collector-emitter voltage V
CE (V)
− 0.01
−1
− 0.1
−1
−10
−100
−10
−100
−1000
Collector current I
C (mA)
IC / IB
= 10
Ta
= 75°C
25
°C
−25°C
0
−1
40
80
120
160
−10
−100
−1000
Collector current I
C (mA)
VCE =
−10 V
Ta
= 75°C
25
°C
−25°C


Similar Part No. - UNR4124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UNR4110 PANASONIC-UNR4110 Datasheet
384Kb / 15P
   Silicon PNP epitaxial planar type
UNR4111 PANASONIC-UNR4111 Datasheet
384Kb / 15P
   Silicon PNP epitaxial planar type
UNR4112 PANASONIC-UNR4112 Datasheet
384Kb / 15P
   Silicon PNP epitaxial planar type
UNR4113 PANASONIC-UNR4113 Datasheet
384Kb / 15P
   Silicon PNP epitaxial planar type
UNR4114 PANASONIC-UNR4114 Datasheet
384Kb / 15P
   Silicon PNP epitaxial planar type
More results

Similar Description - UNR4124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SB1693 PANASONIC-2SB1693 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
2SB1071 PANASONIC-2SB1071 Datasheet
93Kb / 4P
   Silicon PNP epitaxial planar type
2SB1172 PANASONIC-2SB1172 Datasheet
84Kb / 3P
   Silicon PNP epitaxial planar type
2SA2064 PANASONIC-2SA2064 Datasheet
78Kb / 3P
   Silicon PNP epitaxial planar type
XP06401 PANASONIC-XP06401 Datasheet
104Kb / 4P
   Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com