Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9354-00 Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # 9354-00
Description  SPDT High Power UltraCMOS??RF Switch Rad hard for Space Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9354-00 Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  9354-00 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 9354-00 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 9354-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 9354-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 9354-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 9354-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 9354-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Product Specification
PE9354
Page 2 of 7
©2004-2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0099-02
│ UltraCMOS™ RFIC Solutions
Table 2. Pin Descriptions
Table 3. Absolute Maximum Ratings
The control logic input pin (CTRL) is typically
driven by a 3-volt CMOS logic level signal, and
has a threshold of 50% of VDD. For flexibility to
support systems that have 5-volt control logic
drivers, the control logic input has been designed
to handle a 5-volt logic HIGH signal. (A minimal
current will be sourced out of the VDD pin when the
control logic input voltage level exceeds VDD.)
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Figure 3. Pin Configuration
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the rating specified in Table 3.
PE9354
1
2
3
4
8
7
6
5
V
DD
CTRL
GND
RFC
RF1
GND
GND
RF2
Pin
No.
Pin
Name
Description
1
VDD
Nominal +3V supply connection.
2
CTRL
CMOS or TTL logic level:
High = RFC to RF1 signal path
Low = RFC to RF2 signal path
3
GND
Ground connection. Traces should be
physically short and connected to
ground plane for best performance.
4
RFC
Common RF port for switch.1
5
RF2
RF2 port.1
6
GND
Ground Connection. Traces should be
physically short and connected to
ground plane for best performance.
7
GND
Ground Connection. Traces should be
physically short and connected to
ground plane for best performance.
8
RF1
RF1 port.1
Note 1: All RF pins must be DC blocked with an external series
capacitor or held at 0 VDC.
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Power supply voltage
-0.3
4.0
V
VI
Voltage on any input
except for the CTRL input
-0.3
VDD+
0.3
V
VCTRL
Voltage on CTRL input
5.0
V
TST
Storage temperature range
-65
150
°C
TOP
Operating temperature
range
-55
125
°C
P
IN
Input power (50
Ω)
32
dBm
VESD
ESD voltage (Human Body
Model)
200
V
Total Dose
Total Cumulative Exposure
to Ionizing Radiation
100k
Rads
(Si)
Table 4. DC Electrical Specifications
Table 5. Control Logic Truth Table
Parameter
Min
Typ
Max
Units
VDD Power Supply
Voltage
2.7
3.0
3.3
V
Input Leakage
-1
1
µA
IDD Power Supply
Current
(VDD = 3V, VCNTL = 3V)
28
100
µA
Control Voltage High
0.7xVDD
V
Control Voltage Low
0.3xVDD
V
Control Voltage
Signal Path
CTRL = CMOS or TTL High
RFC to RF1
CTRL = CMOS or TTL Low
RFC to RF2
Absolute Maximum Ratings are those values
listed in the above table. Exceeding these values
may cause permanent device damage.
Functional operation should be restricted to the
limits in the DC Electrical Specifications table.
Exposure to absolute maximum ratings for
extended periods may affect device reliability.


Similar Part No. - 9354-00

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
935 CDE-935 Datasheet
231Kb / 5P
   Polypropylene Capacitors for High Frequency Filtering
logo
List of Unclassifed Man...
935 ETC-935 Datasheet
205Kb / 6P
   METALLIZED POLYPROPYLENE CAPACITORS
logo
3M Electronics
9350 3M-9350 Datasheet
1Mb / 3P
   Sample Development Design Kits for High Speed Cabling and Connectors
logo
Amphenol Corporation
9350 AMPHENOL-9350 Datasheet
53Kb / 1P
   BNC 50 ohm Cable Plugs
9350 AMPHENOL-9350 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
More results

Similar Description - 9354-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE9354 PSEMI-PE9354 Datasheet
189Kb / 7P
   SPDT High Power UltraCMOS RF Switch Rad hard for Space Applications
PE9704 PSEMI-PE9704 Datasheet
248Kb / 10P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE97042 PSEMI-PE97042 Datasheet
461Kb / 11P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9704 PEREGRINE-PE9704_06 Datasheet
246Kb / 10P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9702 PSEMI-PE9702 Datasheet
263Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9702 PEREGRINE-PE9702_06 Datasheet
260Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE97022 PSEMI-PE97022 Datasheet
561Kb / 14P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9701 PEREGRINE-PE9701 Datasheet
280Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
PE97022 PEREGRINE-PE97022 Datasheet
355Kb / 14P
   3500 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9701 PSEMI-PE9701 Datasheet
287Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com