Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42660-99 Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

Part # 42660-99
Description  SP6T UltraCMOS2.75 V Switch 100 - 3000 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

42660-99 Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  42660-99 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 42660-99 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 42660-99 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 42660-99 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 42660-99 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 42660-99 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 42660-99 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 42660-99 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 42660-99 Datasheet HTML 9Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Preliminary Specification
PE42660
Page 4 of 9
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0192-02
UltraCMOS™ RFIC Solutions
Evaluation Kit
The SP6T Evaluation Kit board was designed to
ease customer evaluation of the PE42660 RF
switch.
The PE42660 has two high power TX ports and four
high isolation RX ports. The TX ports are symmetric
and are designed as paths for the 850, 900, 1800, or
1900 MHz bands. The RX ports are also symmetric
and can be assigned to any of these frequency
bands.
The ANT port connects through a 50
Ω transmission
line to the top SMA connector, J1. The RX and TX
ports connect through 50
Ω transmission lines to
SMA connectors J2 – J7. A through 50
transmission line between SMA connectors J9 and
J10 allows estimation of the PCB losses over
environmental conditions. An open transmission line
connected to J11 is also provided.
J8 supplies DC power to the pin marked VDD and the
bottom row of pins, which is GND. 1 M
Ω pull-up
resistors are connected from VDD to each of the three
control logic inputs: V1, V2, and V3. These pull-up
resistors are provided for ease of evaluation on this
board and are not required for the PE42660 to
operate.
Adding a jumper between a control pin and the
adjacent GND pin on the bottom row of J8 will set a
logic-0 on that control pin. Removing the jumper will
set a logic-1. To evaluate the PE42660, add or
remove jumpers according to the truth table in
Table 5.
Figure 4. Evaluation Board Layout
ANT
RX1
RX2
RX3
RX4
TX1
TX2
Open Line
Through-Line
Figure 5. Evaluation Board Schematic
Peregrine Specification 101/0205
Peregrine Specification 102/0267


Similar Part No. - 42660-99

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
42660-1 MACOM-42660-1 Datasheet
944Kb / 22P
   FASTON Receptacles
42660-2 MACOM-42660-2 Datasheet
944Kb / 22P
   FASTON Receptacles
More results

Similar Description - 42660-99

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4263 PEREGRINE-PE4263 Datasheet
149Kb / 4P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE4268 PEREGRINE-PE4268 Datasheet
307Kb / 11P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE42632 PEREGRINE-PE42632 Datasheet
125Kb / 4P
   SP6T UltraCMOS 2.70 V Switch 100 - 3000 MHz,50ohm
PE4261 PEREGRINE-PE4261 Datasheet
160Kb / 4P
   SP4T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE42612 PEREGRINE-PE42612 Datasheet
157Kb / 4P
   SP4T UltraCMOS 2.6 V Switch 100 - 3000 MHz
PE42693 PEREGRINE-PE42693 Datasheet
99Kb / 4P
   SP9T UltraCMOS 2.75 V Switch 100 - 3000 MHz, 68 dBm IIP3
PE42671 PEREGRINE-PE42671 Datasheet
129Kb / 4P
   SP7T UltraCMOS 2.75 V Switch 100 - 3000 MHz, 68 dBm IIP3
PE42672 PEREGRINE-PE42672 Datasheet
171Kb / 4P
   SP7T UltraCMOS??2.75 V Switch 100 - 3000 MHz, 68 dBM IIP3
logo
Peregrine Semiconductor
PE613010 PSEMI-PE613010 Datasheet
290Kb / 8P
   UltraCMOS SPST Tuning Control Switch, 100-3000 MHz
PE42430MLAB-Z PSEMI-PE42430MLAB-Z Datasheet
483Kb / 11P
   UltraCMOS짰 SP3T Reflective RF Switch 100 ??3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com