Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42660-00 Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # 42660-00
Description  SP6T UltraCMOS2.75 V Switch 100 - 3000 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

42660-00 Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  42660-00 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 42660-00 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 42660-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 42660-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 42660-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 42660-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 42660-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 42660-00 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 42660-00 Datasheet HTML 9Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Page 1 of 9
Document No. 70-0192-02
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
The PE42660 is a HaRP™-enhanced SP6T RF Switch
developed on the UltraCMOS™ process technology. It
addresses the specific design needs of the Quad-Band GSM
Handset Antenna Switch Module Market. On-chip CMOS
decode logic facilitates three-pin low voltage CMOS control,
while high ESD tolerance of 1500 V at all ports, no blocking
capacitor requirements, and on-chip SAW filter over-voltage
protection devices make this the ultimate in integration and
ruggedness.
Peregrine’s HaRP™ technology enhancements deliver high
linearity and exceptional harmonics performance. It is an
innovative feature of the UltraCMOS™ process, providing
performance superior to GaAs with the economy and
integration of conventional CMOS.
Preliminary Specification
SP6T UltraCMOS™ 2.75 V Switch
100 – 3000 MHz
Product Description
Figure 1. Functional Diagram
Figure 2. Die Top View
PE42660 DIE
Features
ANT
TX1
TX2
GND
GND
RX1
GND
RX2
GND
RX3
GND
RX4
GND
GND
VDD
V3
GND V2 V1 GND
GND
RX1
RX2
RX3
RX4
TX1
TX2
CMOS
Control/Driver
and ESD
V1
V2
V3
Three pin CMOS logic control with
integral decoder/driver
Exceptional harmonics performance:
2fo = -88 dBc and 3fo = -85 dBc
Low TX insertion loss: 0.55 dB at
900 MHz, 0.65 dB at 1900 MHz
TX – RX Isolation of 48 dB at 900 MHz,
40 dB at 1900 MHz
1500 V HBM ESD tolerance all ports
41 dBm P1dB
No blocking capacitors required


Similar Part No. - 42660-00

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
42660-1 MACOM-42660-1 Datasheet
944Kb / 22P
   FASTON Receptacles
42660-2 MACOM-42660-2 Datasheet
944Kb / 22P
   FASTON Receptacles
More results

Similar Description - 42660-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4263 PEREGRINE-PE4263 Datasheet
149Kb / 4P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE4268 PEREGRINE-PE4268 Datasheet
307Kb / 11P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE42632 PEREGRINE-PE42632 Datasheet
125Kb / 4P
   SP6T UltraCMOS 2.70 V Switch 100 - 3000 MHz,50ohm
PE4261 PEREGRINE-PE4261 Datasheet
160Kb / 4P
   SP4T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE42612 PEREGRINE-PE42612 Datasheet
157Kb / 4P
   SP4T UltraCMOS 2.6 V Switch 100 - 3000 MHz
PE42693 PEREGRINE-PE42693 Datasheet
99Kb / 4P
   SP9T UltraCMOS 2.75 V Switch 100 - 3000 MHz, 68 dBm IIP3
PE42671 PEREGRINE-PE42671 Datasheet
129Kb / 4P
   SP7T UltraCMOS 2.75 V Switch 100 - 3000 MHz, 68 dBm IIP3
PE42672 PEREGRINE-PE42672 Datasheet
171Kb / 4P
   SP7T UltraCMOS??2.75 V Switch 100 - 3000 MHz, 68 dBM IIP3
logo
Peregrine Semiconductor
PE613010 PSEMI-PE613010 Datasheet
290Kb / 8P
   UltraCMOS SPST Tuning Control Switch, 100-3000 MHz
PE42430MLAB-Z PSEMI-PE42430MLAB-Z Datasheet
483Kb / 11P
   UltraCMOS짰 SP3T Reflective RF Switch 100 ??3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com