Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42660-00 Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # 42660-00
Description  SP6T UltraCMOS2.75 V Switch 100 - 3000 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

42660-00 Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  42660-00 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 42660-00 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 42660-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 42660-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 42660-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 42660-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 42660-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 42660-00 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 42660-00 Datasheet HTML 9Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Preliminary Specification
PE42660
Page 2 of 9
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0192-02
│ UltraCMOS™ RFIC Solutions
Table 1. Electrical Specifications @ +25 °C, VDD = 2.75 V (ZS = ZL = 50 Ω)
Parameter
Conditions
Typical
Units
Operational Frequency
100-3000
MHz
Insertion Loss
ANT - TX - 850 / 900 MHz
ANT - TX - 1800 / 1900 MHz
ANT - RX - 850 / 900 MHz
ANT - RX - 1800 / 1900 MHz
0.55
0.65
0.90
1.00
dB
dB
dB
dB
Isolation
TX - RX - 850 / 900 MHz
TX - RX - 1800 / 1900 MHz
TX - TX - 850 / 900 MHz
TX - TX - 1800 / 1900 MHz
ANT - TX - 850 / 900 MHz
ANT - TX - 1800 / 1900 MHz
48
40
29
25
31
25
dB
dB
dB
dB
dB
dB
Return Loss
850 / 900 MHz
1800 / 1900 MHz
22
23
dB
2nd Harmonic
35 dBm TX Input - 850 / 900 MHz
33 dBm TX Input - 1800 / 1900 MHz
-88
-85
dBc
3rd Harmonic
35 dBm TX Input - 850 / 900 MHz
33 dBm TX Input - 1800 / 1900 MHz
-85
-84
dBc
Switching Time
(10-90%) (90-10%) RF
2
µs
Table 2. Operating Ranges
Note: 1. Assumes RF input period of 4620
µs and duty cycle of 50%.
Parameter
Symbol
Min Typ Max Units
Temperature range
TOP
-40
+85
°C
VDD Supply Voltage
VDD
2.65
2.75
2.85
V
IDD Power Supply Current
(VDD = 2.75 V)
IDD
13
20
µA
TX input power1
(VSWR
≤ 3:1)
PIN
+35
dBm
RX input power1
(VSWR
≤1:1)
PIN
+20
dBm
Control Voltage High
VIH
0.7 x
VDD
V
Control Voltage Low
VIL
0.3 x
VDD
V


Similar Part No. - 42660-00

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
42660-1 MACOM-42660-1 Datasheet
944Kb / 22P
   FASTON Receptacles
42660-2 MACOM-42660-2 Datasheet
944Kb / 22P
   FASTON Receptacles
More results

Similar Description - 42660-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4263 PEREGRINE-PE4263 Datasheet
149Kb / 4P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE4268 PEREGRINE-PE4268 Datasheet
307Kb / 11P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE42632 PEREGRINE-PE42632 Datasheet
125Kb / 4P
   SP6T UltraCMOS 2.70 V Switch 100 - 3000 MHz,50ohm
PE4261 PEREGRINE-PE4261 Datasheet
160Kb / 4P
   SP4T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE42612 PEREGRINE-PE42612 Datasheet
157Kb / 4P
   SP4T UltraCMOS 2.6 V Switch 100 - 3000 MHz
PE42693 PEREGRINE-PE42693 Datasheet
99Kb / 4P
   SP9T UltraCMOS 2.75 V Switch 100 - 3000 MHz, 68 dBm IIP3
PE42671 PEREGRINE-PE42671 Datasheet
129Kb / 4P
   SP7T UltraCMOS 2.75 V Switch 100 - 3000 MHz, 68 dBm IIP3
PE42672 PEREGRINE-PE42672 Datasheet
171Kb / 4P
   SP7T UltraCMOS??2.75 V Switch 100 - 3000 MHz, 68 dBM IIP3
logo
Peregrine Semiconductor
PE613010 PSEMI-PE613010 Datasheet
290Kb / 8P
   UltraCMOS SPST Tuning Control Switch, 100-3000 MHz
PE42430MLAB-Z PSEMI-PE42430MLAB-Z Datasheet
483Kb / 11P
   UltraCMOS짰 SP3T Reflective RF Switch 100 ??3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com