Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE83336EK Datasheet(PDF) 10 Page - Peregrine Semiconductor Corp.

Part # PE83336EK
Description  3.0 GHz Integer-N PLL for Low Phase Noise Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE83336EK Datasheet(HTML) 10 Page - Peregrine Semiconductor Corp.

Back Button PE83336EK Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE83336EK Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE83336EK Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE83336EK Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE83336EK Datasheet HTML 10Page - Peregrine Semiconductor Corp. PE83336EK Datasheet HTML 11Page - Peregrine Semiconductor Corp. PE83336EK Datasheet HTML 12Page - Peregrine Semiconductor Corp. PE83336EK Datasheet HTML 13Page - Peregrine Semiconductor Corp. PE83336EK Datasheet HTML 14Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PE83336
Product Specification
Copyright
Peregrine Semiconductor Corp. 2003
File No. 70/0137~01A
| UTSi
CMOS RFIC SOLUTIONS
Page 10 of 14
inadvertent control changes during serial loading,
with buffer capture of the serially entered data
performed on the falling edge of E_WR according to
the timing diagram shown in Figure 5. After the
falling edge of E_WR, the data provide control bits
as shown in Table 8 with bit functionality enabled by
asserting the Enh input “low”.
Direct Interface Mode
Direct Interface Mode is selected by setting the
Bmode input “high”.
Counter control bits are set directly at the pins as
shown in Table 7. In Direct Interface Mode, main
counter inputs M7 and M8, and R Counter inputs R4
and R5 are internally forced low (“0”).
Table 8. Primary Register Programming
Interface
Mode
Enh
Bmode Smode
R5
R4
M8
M7 Pre_en M6
M5
M4
M3
M2
M1
M0
R3
R2
R1
R0
A3
A2
A1
A0
M2_WR rising edge load
M1_WR rising edge load
A_WR rising edge load
Parallel
1
0
0
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Serial*
1
0
1
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
B17
B18
B19
Direct
1
1
X
0
0
0
0
Pre_en M6
M5
M4
M3
M2
M1
M0
R3
R2
R1
R0
A3
A2
A1
A0
*Serial data clocked serially on Sclk rising edge while E_WR “low” and captured in secondary register on S_WR rising edge.
MSB (first in)
(last in) LSB
Table 9. Enhancement Register Programming
Interface
Mode
Enh
Bmode Smode
Reserved
Reserved
Reserved
Power
down
Counter
load
MSEL
output
Prescaler
output
fc, fp OE
E_WR rising edge load
Parallel
0
X
0
D7
D6
D5
D4
D3
D2
D1
D0
Serial*
0
X
1
B0
B1
B2
B3
B4
B5
B6
B7
*Serial data clocked serially on Sclk rising edge while E_WR “high” and captured in the double buffer on E_WR falling edge.
MSB (first in)
(last in) LSB


Similar Part No. - PE83336EK

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE83336 PSEMI-PE83336 Datasheet
338Kb / 12P
   3000 MHz UltraCMOS Integer-N PLL For Low Phase Noise Applications Military Operating Temperature Range
PE83336 PSEMI-PE83336_14 Datasheet
787Kb / 12P
   3000 MHz UltraCMOS짰 Integer-N PLL
More results

Similar Description - PE83336EK

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3340 PEREGRINE-PE3340 Datasheet
141Kb / 12P
   3.0 GHz Integer-N PLL for Low Phase Noise Applications
PE3339 PEREGRINE-PE3339 Datasheet
143Kb / 12P
   3.0 GHz Integer-N PLL for Low Phase Noise Applications
PE3239 PEREGRINE-PE3239 Datasheet
214Kb / 12P
   2.2 GHz Integer-N PLL for Low Phase Noise Applications
PE3240 PEREGRINE-PE3240 Datasheet
235Kb / 12P
   2.2 GHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE9702 PEREGRINE-PE9702 Datasheet
278Kb / 14P
   3.0 GHz Integer-N PLL for Rad Hard Applications
PE3238 PEREGRINE-PE3238 Datasheet
273Kb / 15P
   1500 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3335 PEREGRINE-PE3335 Datasheet
235Kb / 15P
   3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3336 PEREGRINE-PE3336 Datasheet
233Kb / 15P
   3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
logo
Peregrine Semiconductor
PE33241 PSEMI-PE33241 Datasheet
466Kb / 13P
   UltraCMOS Integer-N PLL Frequency Synthesizer for Low Phase Noise Applications
logo
Peregrine Semiconductor...
PE3236 PEREGRINE-PE3236 Datasheet
252Kb / 15P
   2200 MHz UltraCMOS-TM Integer-N PLL for Low Phase Noise Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com