Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE83512 Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # PE83512
Description  DC - 1500 MHz Low Power CMOS Divide-by-4 Prescaler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE83512 Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  PE83512 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE83512 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE83512 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE83512 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE83512 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE83512 Datasheet HTML 6Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PE83512
Product Specification
PEREGRINE SEMICONDUCTOR CORP.
| http://www.peregrine-semi.com
Copyright
Peregrine Semiconductor Corp. 2003
Page 3 of 6
Typical Performance Data: VDD = 3.0V
Figure 4. Input Sensitivity
Figure 5. Device Current (OUTB Enabled)
Figure 6. Output Power (OUT or OUTB)


Similar Part No. - PE83512

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE83512 PEREGRINE-PE83512 Datasheet
267Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Military Operating Temperature Range
PE83512 PEREGRINE-PE83512_06 Datasheet
267Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Military Operating Temperature Range
More results

Similar Description - PE83512

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE83513 PEREGRINE-PE83513 Datasheet
278Kb / 6P
   DC - 1500 MHz Low Power CMOS Divide-by-8 Prescaler
PE3512 PEREGRINE-PE3512 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
logo
Peregrine Semiconductor
PE3511 PSEMI-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler
logo
Peregrine Semiconductor...
PE3511 PEREGRINE-PE3511 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
logo
Peregrine Semiconductor
PE3513 PSEMI-PE3513 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler
logo
Peregrine Semiconductor...
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
PE3511 PEREGRINE-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE83512 PEREGRINE-PE83512_06 Datasheet
267Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Military Operating Temperature Range
PE83511 PEREGRINE-PE83511 Datasheet
278Kb / 6P
   DC - 1500MHz Low Power CMOS Divide-by-2 Prescaler
PE83502 PEREGRINE-PE83502 Datasheet
247Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-4 Prescaler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com