Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83511-02 Datasheet(PDF) 5 Page - Peregrine Semiconductor Corp.

Part # 83511-02
Description  DC - 1500MHz Low Power CMOS Divide-by-2 Prescaler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

83511-02 Datasheet(HTML) 5 Page - Peregrine Semiconductor Corp.

  83511-02 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 83511-02 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 83511-02 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 83511-02 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 83511-02 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 83511-02 Datasheet HTML 6Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PE83511
Product Specification
PEREGRINE SEMICONDUCTOR CORP.
| http://www.peregrine-semi.com
Copyright
Peregrine Semiconductor Corp. 2003
Page 5 of 6
Figure 9. Package Drawing
8 Lead Plastic MSOP
FRONT VIEW
2.95±0.10
0.08
A B C
0.33+0.07
-0.08
0.10 A
0.10±0.05
3.00±0.10
0.86±0.08
1.10 MAX
- C -
- A -
1
0.65BSC
0.51±0.13
2.45±0.10
0.51±0.13
2X
8
3.00±0.10
.25 A B C
23
4
- B -
.525BSC
TOP VIEW
5
6
7
4.90±0.15
3.00±0.10
SIDE VIEW
2.95±0.10
Table 4. Ordering Information
Order
Code
Part Marking
Description
Package
Shipping
Method
83511-01
PE83511
PE83511-08MSOP-50A
8-lead MSOP
50 units / Tube
83511-02
PE83511
PE83511-08MSOP-2000C
8-lead MSOP
2000 units / T&R
83511-00
PE83511-EK
PE83511-08MSOP-EK
Evaluation Kit
1 / Box


Similar Part No. - 83511-02

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
83511-02 PEREGRINE-83511-02 Datasheet
262Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Military Operating Temperature Range
More results

Similar Description - 83511-02

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE83501 PEREGRINE-PE83501 Datasheet
269Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-2 Prescaler
PE9304 PEREGRINE-PE9304_15 Datasheet
216Kb / 6P
   Divide-by-2 Prescaler
PE83512 PEREGRINE-PE83512 Datasheet
289Kb / 6P
   DC - 1500 MHz Low Power CMOS Divide-by-4 Prescaler
PE83513 PEREGRINE-PE83513 Datasheet
278Kb / 6P
   DC - 1500 MHz Low Power CMOS Divide-by-8 Prescaler
PE9304 PEREGRINE-PE9304 Datasheet
223Kb / 6P
   1- 7 GHz Low Power CMOS Divide-by-2 Prescaler
logo
NEC
UPB581B NEC-UPB581B Datasheet
76Kb / 4P
   DIVIDE- BY- 2 PRESCALER
logo
Lucky Light Electronic
PE3511 LUCKY-LIGHT-PE3511_15 Datasheet
260Kb / 9P
   Divide-by-2 Prescaler
logo
Peregrine Semiconductor...
PE9301 PEREGRINE-PE9301_15 Datasheet
230Kb / 7P
   Divide-by-2 Prescaler
PE3511 PEREGRINE-PE3511_15 Datasheet
260Kb / 9P
   Divide-by-2 Prescaler
PE83502 PEREGRINE-PE83502 Datasheet
247Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-4 Prescaler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com