Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE94302 Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # PE94302
Description  50 廓 RF Digital Step Attenuator For Rad-Hard Space Applications 6-bit, 31.5 dB, DC - 4.0 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE94302 Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  PE94302 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE94302 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE94302 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE94302 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE94302 Datasheet HTML 5Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Advance Information
PE94302
Page 2 of 5
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70/0186-01
│ UltraCMOS™ RFIC Solutions
Table 2. Pin Descriptions
Table 3. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the rate specified in Table 3.
Exposed Solder Pad Connection
The exposed solder pad on the bottom of the
package must be grounded for proper device
operation.
Table 4. DC Electrical Specifications
Figure 3. Pin Configuration (Top View)
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Power supply voltage
-0.3
4.0
V
VI
Voltage on any input
-0.3
VDD+
V
TST
Storage temperature range
-65
150
°C
P
IN
Input power (50
Ω)
24
dBm
VESD
ESD voltage (Human Body
500
V
Parameter
Min
Typ
Max
Units
VDD Power Supply
Voltage
2.7
3.0
3.3
V
IDD Power Supply
Current
100
µA
Digital Input High
0.7xVDD
V
Digital Input Low
0.3xVDD
V
Digital Input Leakage
1
µA
TOP Operating
-40
85
°C
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Switching Frequency
The PE94302 has a maximum 25 kHz switching
rate.
Pin No.
Pin Name
1
C16
2
GND
3
RF1
4
GND
5
Data
6
GND
7
CLK
8
LE
9
VDD
10
GND
11
PUP1
12
GND
13
PUP2
14
VSS
15
POR
16
GND
17
P/S
18
GND
19
RF2
20
GND
21
C8
22
C4
23
C2
24
GND
25
GND
26
GND
27
C1
28
C0.5
Paddle
GND
Description
Attenuation control bit, 16dB
Ground connection
RF port (Note 1).
Ground connection
Serial interface data input
Ground connection
Serial interface clock input.
Latch Enable input (Note 2).
Power supply pin.
Ground connection
Power-up selection bit, MSB.
Ground connection
Power-up selection bit, LSB.
Negative supply voltage
Power reset
Ground connection
Parallel/Serial mode select.
Ground connection
RF port (Note 1).
Ground connection
Attenuation control bit, 8 dB.
Attenuation control bit, 4 dB.
Attenuation control bit, 2 dB.
Ground connection
Ground connection
Ground connection
Attenuation control bit, 1 dB.
Attenuation control bit, 0.5 dB.
Ground connection
PE94302
5
3
17
19
1
2
4
18
6
7
20
21
16
15
C16
GND
RF1
GND
GND
GND
GND
GND
Data
CLK
POR
P/S
RF2
C8
Note 1: Both RF ports must be held at 0 VDC or DC blocked with an
external series capacitor.
2: Latch Enable (LE) has an internal 100 kΩ resistor to VDD.
Absolute Maximum Ratings are those values
listed in the above table. Exceeding these values
may cause permanent device damage.
Functional operation should be restricted to the
limits in the DC Electrical Specifications table.
Exposure to absolute maximum ratings for
extended periods may affect device reliability.


Similar Part No. - PE94302

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE94302 PEREGRINE-PE94302 Datasheet
311Kb / 6P
   50 ohm RF Digital Step Attenuator For Rad-Hard Space Applications 6-bit, 31.5 dB, DC - 4.0 GHz
logo
Peregrine Semiconductor
PE94302 PSEMI-PE94302 Datasheet
377Kb / 8P
   RF Digital Step Attenuator For Rad-Hard Space Applications
logo
Peregrine Semiconductor...
PE94302 PEREGRINE-PE94302_07 Datasheet
311Kb / 6P
   50 ohm RF Digital Step Attenuator For Rad-Hard Space Applications 6-bit, 31.5 dB, DC - 4.0 GHz
More results

Similar Description - PE94302

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE94302 PEREGRINE-PE94302_07 Datasheet
311Kb / 6P
   50 ohm RF Digital Step Attenuator For Rad-Hard Space Applications 6-bit, 31.5 dB, DC - 4.0 GHz
PE4309 PEREGRINE-PE4309_07 Datasheet
337Kb / 9P
   50 廓 RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
   50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
PE4309 PEREGRINE-PE4309 Datasheet
576Kb / 6P
   50 OHM RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4302DS PEREGRINE-PE4302DS Datasheet
456Kb / 11P
   50 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHZ
logo
Peregrine Semiconductor
PE94302 PSEMI-PE94302 Datasheet
377Kb / 8P
   RF Digital Step Attenuator For Rad-Hard Space Applications
logo
Tyco Electronics
AT90-1107 MACOM-AT90-1107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0107 MACOM-AT90-0107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0009 MA-COM-MAATCC0009 Datasheet
188Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0107 MA-COM-AT90-0107 Datasheet
187Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com