Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90USB647-16AU Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT90USB647-16AU
Description  Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
Download  434 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB647-16AU Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT90USB647-16AU Datasheet HTML 4Page - ATMEL Corporation AT90USB647-16AU Datasheet HTML 5Page - ATMEL Corporation AT90USB647-16AU Datasheet HTML 6Page - ATMEL Corporation AT90USB647-16AU Datasheet HTML 7Page - ATMEL Corporation AT90USB647-16AU Datasheet HTML 8Page - ATMEL Corporation AT90USB647-16AU Datasheet HTML 9Page - ATMEL Corporation AT90USB647-16AU Datasheet HTML 10Page - ATMEL Corporation AT90USB647-16AU Datasheet HTML 11Page - ATMEL Corporation AT90USB647-16AU Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 434 page
background image
8
7593A–AVR–02/06
AT90USB64/128
2.2.9
D-
USB Full speed / Low Speed Negative Data Upstream Port.
2.2.10
D+
USB Full speed / Low Speed Positive Data Upstream Port.
2.2.11
UGND
USB Ground.
2.2.12
UVCC
USB Pads Internal Regulator Input supply voltage.
2.2.13
UCAP
USB Pads Internal Regulator Output supply voltage. Should be connected to an external capac-
itor (1µF).
2.2.14
VBUS
USB VBUS monitor and OTG negociations.
2.2.15
RESET
Reset input. A low level on this pin for longer than the minimum pulse length will generate a
reset, even if the clock is not running. The minimum pulse length is given in Table 8-1 on page
59. Shorter pulses are not guaranteed to generate a reset.
2.2.16
XTAL1
Input to the inverting Oscillator amplifier and input to the internal clock operating circuit.
2.2.17
XTAL2
Output from the inverting Oscillator amplifier.
2.2.18
AVCC
AVCC is the supply voltage pin for Port F and the A/D Converter. It should be externally con-
nected to V
CC, even if the ADC is not used. If the ADC is used, it should be connected to VCC
through a low-pass filter.
2.2.19
AREF
This is the analog reference pin for the A/D Converter.
3. About Code Examples
This documentation contains simple code examples that briefly show how to use various parts of
the device. Be aware that not all C compiler vendors include bit definitions in the header files
and interrupt handling in C is compiler dependent. Please confirm with the C compiler documen-
tation for more details.
These code examples assume that the part specific header file is included before compilation.
For I/O registers located in extended I/O map, "IN", "OUT", "SBIS", "SBIC", "CBI", and "SBI"
instructions must be replaced with instructions that allow access to extended I/O. Typically
"LDS" and "STS" combined with "SBRS", "SBRC", "SBR", and "CBR".


Similar Part No. - AT90USB647-16AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90USB647-16AU ATMEL-AT90USB647-16AU Datasheet
1Mb / 30P
   8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB647-16AU ATMEL-AT90USB647-16AU Datasheet
4Mb / 459P
   8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
More results

Similar Description - AT90USB647-16AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90USB646 ATMEL-AT90USB646_09 Datasheet
603Kb / 35P
   Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
ATMEGA32U6 ATMEL-ATMEGA32U6 Datasheet
4Mb / 459P
   8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB646_0607 ATMEL-AT90USB646_0607 Datasheet
3Mb / 435P
   8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB646 ATMEL-AT90USB646_08 Datasheet
1Mb / 30P
   8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
MEGA128CAN ATMEL-MEGA128CAN Datasheet
5Mb / 413P
   Microcontroller WITH 128K BYTES OF ISP FLASH AND CAN CONTROLLER
466130 ATMEL-466130 Datasheet
489Kb / 36P
   8-bit Microcontroller with 64/128K Bytes of ISP Flash
AT90CAN128 ATMEL-AT90CAN128 Datasheet
461Kb / 15P
   8-bit Microcontroller with 128K Bytes of ISP Flash and CAN Controller
logo
List of Unclassifed Man...
DOC7707 ETC1-DOC7707 Datasheet
3Mb / 307P
   Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
logo
ATMEL Corporation
AT90CAN32 ATMEL-AT90CAN32_06 Datasheet
273Kb / 16P
   Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
ATMEGA8U2 ATMEL-ATMEGA8U2_12 Datasheet
325Kb / 22P
   Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com