Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM62V256CLG-7L Datasheet(PDF) 9 Page - Samsung semiconductor

Part # KM62V256CLG-7L
Description  32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM62V256CLG-7L Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button KM62V256CLG-7L Datasheet HTML 4Page - Samsung semiconductor KM62V256CLG-7L Datasheet HTML 5Page - Samsung semiconductor KM62V256CLG-7L Datasheet HTML 6Page - Samsung semiconductor KM62V256CLG-7L Datasheet HTML 7Page - Samsung semiconductor KM62V256CLG-7L Datasheet HTML 8Page - Samsung semiconductor KM62V256CLG-7L Datasheet HTML 9Page - Samsung semiconductor KM62V256CLG-7L Datasheet HTML 10Page - Samsung semiconductor KM62V256CLG-7L Datasheet HTML 11Page - Samsung semiconductor KM62V256CLG-7L Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ELECTRONICS
KM62V256C, KM62U256C Family
CMOS SRAM
Revision 04
April 1996
- 9 -
PACKAGE DIMENSION
Unit : Millimeters (Inches)
28 PIN THIN SMALL OUTLINE PACKAGE TYPE I ( 0813.4F )
28 PIN THIN SMALL OUTLINE PACKAGE TYPE I ( 0813.4R )
0.50± 0.10
0.020 ± 0.004
0.15
0.006
+0.10
-0.05
+0.004
-0.002
11.80 ± 0.10
(0.465 ± 0.004)
0.55
(0.022)
#1
#14
13.40 ± 0.10
(0.528 ± 0.008)
#28
#15
0.20
(0.008)
+0.10
-0.05
+0.004
-0.002
1.20
0.047
Max.
0.00
0.000
Min.
0.43
0.017
0.50± 0.10
0.020 ± 0.004
0.15
0.006
+0.10
-0.05
+0.004
-0.002
11.80 ± 0.10
(0.465 ± 0.004)
1.20
0.047
Max.
0.00
0.000
Min.
0.43
0.017
0.55
(0.022)
#14
#1
13.40 ± 0.10
(0.528 ± 0.008)
#15
#28
0.20
(0.008)
+0.10
-0.05
+0.004
-0.002


Similar Part No. - KM62V256CLG-7L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM62V256D SAMSUNG-KM62V256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM62V256DL-L SAMSUNG-KM62V256DL-L Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM62V256DLE-L SAMSUNG-KM62V256DLE-L Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM62V256DLG-7L SAMSUNG-KM62V256DLG-7L Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM62V256DLGE-7L SAMSUNG-KM62V256DLGE-7L Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
More results

Similar Description - KM62V256CLG-7L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X0808T1D SAMSUNG-K6X0808T1D Datasheet
153Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256D SAMSUNG-KM62256D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D SAMSUNG-K6X0808C1D Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CL SAMSUNG-KM62256CL Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62U256D SAMSUNG-KM62U256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Silicon Solu...
IS62LV2568LL ISSI-IS62LV2568LL Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV1288LL ISSI-IS62LV1288LL Datasheet
77Kb / 10P
   128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV5128LL ISSI-IS62LV5128LL Datasheet
61Kb / 10P
   512K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com