Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM62V256CLTG-10L Datasheet(PDF) 6 Page - Samsung semiconductor

Part # KM62V256CLTG-10L
Description  32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM62V256CLTG-10L Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KM62V256CLTG-10L Datasheet HTML 2Page - Samsung semiconductor KM62V256CLTG-10L Datasheet HTML 3Page - Samsung semiconductor KM62V256CLTG-10L Datasheet HTML 4Page - Samsung semiconductor KM62V256CLTG-10L Datasheet HTML 5Page - Samsung semiconductor KM62V256CLTG-10L Datasheet HTML 6Page - Samsung semiconductor KM62V256CLTG-10L Datasheet HTML 7Page - Samsung semiconductor KM62V256CLTG-10L Datasheet HTML 8Page - Samsung semiconductor KM62V256CLTG-10L Datasheet HTML 9Page - Samsung semiconductor KM62V256CLTG-10L Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ELECTRONICS
KM62V256C, KM62U256C Family
CMOS SRAM
Revision 04
April 1996
- 6 -
KM62V256CL-L
KM62U256CL-L
KM62V256CLE-L
KM62U256CLE-L
KM62V256CLI-L
KM62U256CLI-L
Vcc
3.0/2.7V*
2.2V
/CS
GND
/CS¡ Ã
Vcc-0.2V
Vdr
tSDR
tRDR
Data retention mode
DATA RETENTION TIMING DIAGRAM
Vcc for data retention
Data retention current
Data retention set-up time
Recovery time
DATA RETENTION CHARACTERISTICS
Vdr
Idr
tSDR
tRDR
/CS¡ ÃVcc-0.2V
Vcc=3.0V
/CS¡ ÃVcc-0.2V
See data retention
waveform
Typ**
-
1
0.6
1
0.6
1
0.6
-
-
Unit
V
uA
ms
Min
2.0
-
-
-
-
-
-
0
5
Max
3.6
8
8
10
10
10
10
-
-
* 1) Commercial Product : Ta=0 to 70 °C, unless otherwise specified
2) Extended Product : Ta=-25 to 85 °C, unless otherwise specified
3) Industrial Product : Ta=-40 to 85 °C, unless otherwise specified
** Ta=25 °C
Item
Symbol
Test Condition*
* 3.0V for KM62V256C family, 2.7V for KM62U256C family
FUNCTIONAL DESCRIPTION
/WE
X
H
H
L
Mode
Power Down
Output Disable
Read
Write
Current Mode
Isb, Isb1
Icc
Icc
Icc
I/O Pin
High-Z
High-Z
Dout
Din
/OE
X
H
L
X
/CS
H
L
L
L


Similar Part No. - KM62V256CLTG-10L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM62V256D SAMSUNG-KM62V256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM62V256DL-L SAMSUNG-KM62V256DL-L Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM62V256DLE-L SAMSUNG-KM62V256DLE-L Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM62V256DLG-7L SAMSUNG-KM62V256DLG-7L Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM62V256DLGE-7L SAMSUNG-KM62V256DLGE-7L Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
More results

Similar Description - KM62V256CLTG-10L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X0808T1D SAMSUNG-K6X0808T1D Datasheet
153Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256D SAMSUNG-KM62256D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D SAMSUNG-K6X0808C1D Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CL SAMSUNG-KM62256CL Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62U256D SAMSUNG-KM62U256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Silicon Solu...
IS62LV2568LL ISSI-IS62LV2568LL Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV1288LL ISSI-IS62LV1288LL Datasheet
77Kb / 10P
   128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV5128LL ISSI-IS62LV5128LL Datasheet
61Kb / 10P
   512K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com