Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM27964SQX-I Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM27964SQX-I
Description  White LED Driver System with I2C Compatible Brightness Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27964SQX-I Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM27964SQX-I Datasheet HTML 3Page - National Semiconductor (TI) LM27964SQX-I Datasheet HTML 4Page - National Semiconductor (TI) LM27964SQX-I Datasheet HTML 5Page - National Semiconductor (TI) LM27964SQX-I Datasheet HTML 6Page - National Semiconductor (TI) LM27964SQX-I Datasheet HTML 7Page - National Semiconductor (TI) LM27964SQX-I Datasheet HTML 8Page - National Semiconductor (TI) LM27964SQX-I Datasheet HTML 9Page - National Semiconductor (TI) LM27964SQX-I Datasheet HTML 10Page - National Semiconductor (TI) LM27964SQX-I Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Typical Performance Characteristics Unless otherwise specified: V
IN = 3.6V; VLEDxA = 3.6V, VLEDxB
= 3.6V; R
SETA =RSETB =RSETK = 16.9k
Ω;C
1=C2=1µF , and CIN =CPOUT = 2.2µF.
(Continued)
BankB Diode Current vs BankB Headroom Voltage
Keypad Driver Current vs Input Voltage
20138121
20138115
Keypad Driver Current vs. Brightness Register Code
Keypad Diode Current vs Keypad Headroom Voltage
20138114
20138122
Keypad Driver Current vs Keypad R
SET Resistance
20138116
www.national.com
7


Similar Part No. - LM27964SQX-I

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27964SQX-I NSC-LM27964SQX-I Datasheet
329Kb / 14P
   White LED Driver System with I2C Compatible Brightness Control
More results

Similar Description - LM27964SQX-I

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27964 NSC-LM27964_07 Datasheet
329Kb / 14P
   White LED Driver System with I2C Compatible Brightness Control
logo
Texas Instruments
LM27964 TI1-LM27964 Datasheet
1Mb / 22P
[Old version datasheet]   LM27964 White LED Driver System with I2C Compatible Brightness Control
logo
National Semiconductor ...
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965 NSC-LM27965_07 Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
logo
Texas Instruments
LM27965 TI1-LM27965 Datasheet
1,017Kb / 23P
[Old version datasheet]   LM27965 Dual Display White LED Driver with I2C Compatible Brightness Control
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
   White LED Driver With PWM Brightness Control
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM3553 NSC-LM3553 Datasheet
394Kb / 18P
   1.2A Dual Flash LED Driver System with I2C Compatible
logo
Kinetic Technologies.
KTD2026 KINETIC-KTD2026 Datasheet
749Kb / 21P
   Constant Current RGB/White LED Driver with I2C Control
April 2020 - Revision 04h
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com