Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117S-2.85 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # LM1117S-2.85
Description  1A LOWDROP OUT VOLTAGE REGULATOR (ADJUSTABLE & FIXED)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LM1117S-2.85 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  LM1117S-2.85 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM1117S-2.85 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM1117S-2.85 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM1117S-2.85 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM1117S-2.85 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM1117S-2.85 Datasheet HTML 6Page - List of Unclassifed Manufacturers LM1117S-2.85 Datasheet HTML 7Page - List of Unclassifed Manufacturers LM1117S-2.85 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1A LOWDROP OUT VOLTAGE REGULATOR (FIXED & ADJUSTABLE)
LM1117
Figure 3. Negative Supply
FLOATING INPUT
Figure 4. Active Terminator for SCSI-2 BUS
HTC
7
LM1117S,T-50
IN
OUT
GND
VIN
+
+
100㎌
10㎌
VOUT=-5V
4.75V
TO
5.25V
+
10㎌
LM1117S,T-28
IN
(2.85V)
GND
+ 22㎌
110
110
110
110
18-27
LINES


Similar Part No. - LM1117S-2.85

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1117S-2.85 NSC-LM1117S-2.85 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
LM1117S-2.85V HTC-LM1117S-2.85V Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
More results

Similar Description - LM1117S-2.85

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LP2950 FCI-LP2950 Datasheet
592Kb / 8P
   LOWDrop Out Voltage Regulators
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Sipex Corporation
AS2810 SIPEX-AS2810 Datasheet
150Kb / 7P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810 SIPEX-SPX2810 Datasheet
191Kb / 9P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
STMicroelectronics
L4920 STMICROELECTRONICS-L4920 Datasheet
64Kb / 7P
   VERY LOWDROP ADJUSTABLE REGULATORS
logo
AUK corp
S1117-XXD AUK-S1117-XXD Datasheet
328Kb / 6P
   Adjustable and Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com