Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117S-3.3 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LM1117S-3.3
Description  1A LOWDROP OUT VOLTAGE REGULATOR (ADJUSTABLE & FIXED)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LM1117S-3.3 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LM1117S-3.3 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM1117S-3.3 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM1117S-3.3 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM1117S-3.3 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM1117S-3.3 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM1117S-3.3 Datasheet HTML 6Page - List of Unclassifed Manufacturers LM1117S-3.3 Datasheet HTML 7Page - List of Unclassifed Manufacturers LM1117S-3.3 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1A LOWDROP OUT VOLTAGE REGULATOR (FIXED & ADJUSTABLE)
LM1117
ELECTRICAL CHARACTERISTICS FOR LM1117 S/T-1.5
(Refer to the test circuits, TJ=0 to 125℃ CO=10㎌ unless otherwise specified)
Output Voltage
VIN = 4.5V, IO = 10㎃, TJ = 25℃
Output Voltage
IO = 0 to 1A, VIN = 3.9 to 10V
Line Regulation
VIN = 3.9 to 10V, IO = 0㎃
Load Regulation
VIN = 3.9V, IO = 0 to 1A
Temperature Stability
Long Term Stability
1000 hrs, TJ = 125℃
Operating Input Voltage
IO = 100㎃
Quiescent Current
VIN ≤ 10V
Output Current
VIN = 7.5V, TJ = 25℃
Output Noise Voltage
B = 10㎐ to 10㎑, TJ = 25℃
IO = 40㎃ , f = 120㎐, TJ = 25℃
VIN = 5.5V, VNIPPLE = 1VPP
IO = 100㎃
IO = 500㎃
IO = 800㎃
Thermal Regulation
TA = 25℃ 30㎳ Pulse
ELECTRICAL CHARACTERISTICS FOR LM1117 S/T-1.8
(Refer to the test circuits, TJ=0 to 125℃ CO=10㎌ unless otherwise specified)
Output Voltage
VIN = 4.5V, IO = 10㎃, TJ = 25℃
Output Voltage
IO = 0 to 1A, VIN = 3.9 to 10V
Line Regulation
VIN = 3.9 to 10V, IO = 0㎃
Load Regulation
VIN = 3.9V, IO = 0 to 1A
Temperature Stability
Long Term Stability
1000 hrs, TJ = 125℃
Operating Input Voltage
IO = 100㎃
Quiescent Current
VIN ≤ 10V
Output Current
VIN = 7.5V, TJ = 25℃
Output Noise Voltage
B = 10㎐ to 10㎑, TJ = 25℃
IO = 40㎃ , f = 120㎐, TJ = 25℃
VIN = 5.5V, VNIPPLE = 1VPP
IO = 100㎃
IO = 500㎃
IO = 800㎃
Thermal Regulation
TA = 25℃ 30㎳ Pulse
HTC
1.15
V
1.1
1.2
V
Dropout Voltage
VD
1
1.1
V
1.05
Supply Voltage Rejection
SVR
60
75
V
ID
510
VIN
7
%
ΔVO
0.3
%
ΔVO
0.5
ΔVO
0.08
0.4
ΔVO
0.04
0.2
V
VO
1.475
1.525
V
VO
1.485
1.5
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
0.003
%/W
TYP.
MAX.
UNIT
V
950
1200
1.515
EN
100
IO
800
PARAMETER
SYMBOL
TEST CONDITION
MIN.
1.828
VO
1.782
1.8
1.818
0.4
V
ΔVO
0.04
0.2
VO
1.772
ΔVO
0.5
%
ΔVO
0.08
10
%
VIN
7V
ΔVO
0.3
IO
800
950
1200
ID
5
Supply Voltage Rejection
SVR
60
75
EN
100
Dropout Voltage
VD
1
1.1
1.1
V
1.05
1.15
V
3
1.2
V
0.003
%/W


Similar Part No. - LM1117S-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1117S-3.3 NSC-LM1117S-3.3 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
LM1117S-3.3V HTC-LM1117S-3.3V Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
More results

Similar Description - LM1117S-3.3

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LP2950 FCI-LP2950 Datasheet
592Kb / 8P
   LOWDrop Out Voltage Regulators
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Sipex Corporation
AS2810 SIPEX-AS2810 Datasheet
150Kb / 7P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810 SIPEX-SPX2810 Datasheet
191Kb / 9P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
STMicroelectronics
L4920 STMICROELECTRONICS-L4920 Datasheet
64Kb / 7P
   VERY LOWDROP ADJUSTABLE REGULATORS
logo
AUK corp
S1117-XXD AUK-S1117-XXD Datasheet
328Kb / 6P
   Adjustable and Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com