Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GE28F128W18BC60 Datasheet(PDF) 11 Page - Intel Corporation

Part # GE28F128W18BC60
Description  Intel짰 Wireless Flash Memory
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GE28F128W18BC60 Datasheet(HTML) 11 Page - Intel Corporation

Back Button GE28F128W18BC60 Datasheet HTML 7Page - Intel Corporation GE28F128W18BC60 Datasheet HTML 8Page - Intel Corporation GE28F128W18BC60 Datasheet HTML 9Page - Intel Corporation GE28F128W18BC60 Datasheet HTML 10Page - Intel Corporation GE28F128W18BC60 Datasheet HTML 11Page - Intel Corporation GE28F128W18BC60 Datasheet HTML 12Page - Intel Corporation GE28F128W18BC60 Datasheet HTML 13Page - Intel Corporation GE28F128W18BC60 Datasheet HTML 14Page - Intel Corporation GE28F128W18BC60 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 100 page
background image
Intel® Wireless Flash Memory (W18)
Datasheet
11
partition boundaries, but user application code is responsible for ensuring that they don’t extend
into a partition that is actively programming or erasing. Although each partition has burst-read,
write, and erase capabilities, simultaneous operation is limited to write or erase in one partition
while other partitions are in a read mode.
Augmented erase-suspend functionality further enhances the RWW capabilities of this device. An
erase can be suspended to perform a program or read operation within any block, except that which
is erase-suspended. A program operation nested within a suspended erase can subsequently be
suspended to read yet another memory location.
After device power-up or reset, the W18 device defaults to asynchronous read configuration.
Writing to the device’s configuration register enables synchronous burst-mode read operation. In
synchronous mode, the CLK input increments an internal burst address generator. CLK also
synchronizes the flash memory with the host CPU and outputs data on every, or on every other,
valid CLK cycle after an initial latency. A programmable WAIT output signals to the CPU when
data from the flash memory device is ready.
In addition to its improved architecture and interface, the W18 device incorporates Enhanced
Factory Programming (EFP), a feature that enables fast programming and low-power designs. The
EFP feature provides the fastest currently-available program performance, which can increase a
factory’s manufacturing throughput.
The device supports read operations at 1.8 V and erase and program operations at 1.8 V or 12 V.
With the 1.8-V option, VCC and VPP can be tied together for a simple, ultra-low-power design. In
addition to voltage flexibility, the dedicated VPP input provides complete data protection when
VPP ≤ VPPLK.
This device allows I/O operation at voltages even lower than the minimum VCCQ of 1.7 V. This
Extended VCCQ range, 1.35 V – 1.8 V, permits even greater system design flexibility.
A 128-bit protection register enhances the user’s ability to implement new security techniques and
data protection schemes. Unique flash device identification and fraud-, cloning-, or content-
protection schemes are possible through a combination of factory-programmed and user-OTP data
cells. Zero-latency locking/unlocking on any memory block provides instant and complete
protection for critical system code and data. An additional block lock-down capability provides
hardware protection where software commands alone cannot change the block’s protection status.
The device’s Command User Interface (CUI) is the system processor’s link to internal flash
memory operation. A valid command sequence written to the CUI initiates device Write State
Machine (WSM) operation that automatically executes the algorithms, timings, and verifications
necessary to manage flash memory program and erase. An internal status register provides ready/
busy indication results of the operation (success, fail, and so on).
Three power-saving features– Automatic Power Savings (APS), standby, and RST#– can
significantly reduce power consumption. The device automatically enters APS mode following
read cycle completion. Standby mode begins when the system deselects the flash memory by
de-asserting CE#. Driving RST# low produces power savings similar to standby mode. It also
resets the part to read-array mode (important for system-level reset), clears internal status registers,
and provides an additional level of flash write protection.


Similar Part No. - GE28F128W18BC60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
GE28F128J3A-110 INTEL-GE28F128J3A-110 Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
GE28F128J3A-115 INTEL-GE28F128J3A-115 Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
GE28F128J3A-120 INTEL-GE28F128J3A-120 Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
GE28F128J3A-125 INTEL-GE28F128J3A-125 Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
GE28F128J3A-150 INTEL-GE28F128J3A-150 Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
More results

Similar Description - GE28F128W18BC60

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
290701-18 NUMONYX-290701-18 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W18)
28F640W30 NUMONYX-28F640W30 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W30)
logo
Rohm
BP3599 ROHM-BP3599 Datasheet
3Mb / 1P
   Wireless LAN Module with Flash Memory
logo
Numonyx B.V
251407-13 NUMONYX-251407-13 Datasheet
652Kb / 46P
   Wireless Flash Memory (W18/W30 SCSP)
313272-06 NUMONYX-313272-06 Datasheet
1Mb / 90P
   Numonyx Wireless Flash Memory (W18) with AD Multiplexed IO
logo
Intel Corporation
28F640L18 INTEL-28F640L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
28F128L30 NUMONYX-28F128L30 Datasheet
1Mb / 102P
   StrataFlash짰 Wireless Memory
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com