Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB2901HQ Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TB2901HQ
Description  Maximum Power 47 W BTL4-ch Audio Power IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB2901HQ Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TB2901HQ Datasheet HTML 2Page - Toshiba Semiconductor TB2901HQ Datasheet HTML 3Page - Toshiba Semiconductor TB2901HQ Datasheet HTML 4Page - Toshiba Semiconductor TB2901HQ Datasheet HTML 5Page - Toshiba Semiconductor TB2901HQ Datasheet HTML 6Page - Toshiba Semiconductor TB2901HQ Datasheet HTML 7Page - Toshiba Semiconductor TB2901HQ Datasheet HTML 8Page - Toshiba Semiconductor TB2901HQ Datasheet HTML 9Page - Toshiba Semiconductor TB2901HQ Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TB2901HQ(O)
2004-10-15
6
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Peak supply voltage (0.2 s)
VCC (surge)
50
V
DC supply voltage
VCC (DC)
25
V
Operation supply voltage
VCC (opr)
18
V
Output current (peak) RL=4
IO (peak)
9
Output current (peak) RL=2
IO (peak)-2
6.3
A
Power dissipation
PD (Note 6)
125
W
Operation temperature
Topr
−40~85
°C
Storage temperature
Tstg
−55~150
°C
Note 7: Package thermal resistance
θj-T = 1°C/W (typ.) (Ta = 25°C, with infinite heat sink)
The absolute maximum ratings of a semiconductor device are a set of specified parameter values, which must not
be exceeded during operation, even for an instant. If any of these rating would be exceeded during operation, the
device electrical characteristics may be irreparably altered and the reliability and lifetime of the device can no
longer be guaranteed. Moreover, these operations with exceeded ratings may cause break down, damage and/or
degradation to any other equipment. Applications using the device should be designed such that each maximum
rating will never be exceeded in any operating conditions. Before using, creating and/or producing designs, refer to
and comply with the precautions and conditions set forth in this documents.


Similar Part No. - TB2901HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2901H TOSHIBA-TB2901H Datasheet
333Kb / 17P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
More results

Similar Description - TB2901HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2901H TOSHIBA-TB2901H Datasheet
333Kb / 17P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2913HQ TOSHIBA-TB2913HQ Datasheet
328Kb / 15P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2902HQ TOSHIBA-TB2902HQ Datasheet
446Kb / 38P
   Maximum Power 41 W BTL 횞 4-ch Audio Power IC
TB2932HQ TOSHIBA-TB2932HQ Datasheet
436Kb / 37P
   Maximum Power 49 W BTL 횞 4-ch Audio Power IC
TB2921HQ TOSHIBA-TB2921HQ Datasheet
213Kb / 11P
   Maximum Power 50 W BTL × 4-ch Audio Power IC
2006-05-25
TB2912HQ TOSHIBA-TB2912HQ Datasheet
586Kb / 40P
   Maximum Power 41 W BTL × 4-ch Audio Power IC
2006-04-28
TA8276H TOSHIBA-TA8276H Datasheet
249Kb / 14P
   Max Power 35 W BTL 횞 4 ch Audio Power IC
TB2934HQ TOSHIBA-TB2934HQ Datasheet
464Kb / 39P
   Maximum Power 41 W BTL × 4-ch Audio Power IC
2006-06-14
TA8276HQ TOSHIBA-TA8276HQ Datasheet
258Kb / 14P
   Max Power 35 W BTL 횞 4 ch Audio Power IC
TB2929HQ(O) TOSHIBA-TB2929HQ(O) Datasheet
269Kb / 17P
   45W 횞 4-ch BTL Audio Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com