Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3150 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # W3150
Description  WIZnet?셲 Online Technical Support
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

W3150 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button W3150 Datasheet HTML 5Page - List of Unclassifed Manufacturers W3150 Datasheet HTML 6Page - List of Unclassifed Manufacturers W3150 Datasheet HTML 7Page - List of Unclassifed Manufacturers W3150 Datasheet HTML 8Page - List of Unclassifed Manufacturers W3150 Datasheet HTML 9Page - List of Unclassifed Manufacturers W3150 Datasheet HTML 10Page - List of Unclassifed Manufacturers W3150 Datasheet HTML 11Page - List of Unclassifed Manufacturers W3150 Datasheet HTML 12Page - List of Unclassifed Manufacturers W3150 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
èñëç
1.1.MII Signal Description
Pin#
Signal
I/O
Description
55
TXC
I
Transmit Clock
This pin provides a continuous clock as a timing reference for TXD[3:0] and
TXEN. TXC is sourced by the PHY. TXC is 2.5 MHz in 10BASET Nibble
mode, and 25 MHz in 100BASETX Nibble mode.
53
TXEN
O
Transmit Enable
This output signal indicates the presence of a valid nibble data on TXD[3:0]. It
becomes active when the first nibble data of the packet is valid on TXD[3:0]
and goes low after the last nibble data of the packet is clocked out of
TXD[3:0]. This signal connects directly to the PHY device. This signal is active
high.
52
51
50
49
TXD[3]
TXD[2]
TXD[1]
TXD[0]
O
Transmit Data
These pins provide Nibble NRZ data to the PHY synchronously with TXC
when TXEN is asserted.
46
RXC
I
Receive Clock
This pin provides a continuous clock reference for RXDV and RXD[3:0]
signals. RXC is sourced by the PHY. RXC is 2.5 MHz in 10BASET Nibble
mode, and 25 MHz in 100BASETX Nibble mode.
48
COL
I
Collision Detect
This pin becomes active when a collision has been detected in Half Duplex
modes. This signal is asynchronous, active high and ignored during full-
duplex operation. This signal is active high.
47
CRS
I
Carrier Sense
This pin indicates that carrier is present. This signal is active high.
44
RXDV
I
Receive Data Valid
This signal is asserted high when received data is present on the RXD[3:0]
pins; the signal is deasserted at the end of the packet. The signal is valid on
the rising of the RXC.
43
42
41
40
RXD[3]
RXD[2]
RXD[1]
RXD[0]
I
Receive Data
These pins receive Nibble NRZ data from the PHY device synchronously with
RXC when RXDV is asserted.
© Copyright 2005 WIZnet Co., Inc. All rights reserved.


Similar Part No. - W3150

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
W31500J BOURNS-W31500J Datasheet
422Kb / 3P
   Wirewound Power Resistor
logo
WIZnet Co., Ltd
W3150A WIZNET-W3150A Datasheet
1Mb / 69P
   Support Hardwired TCP/IP Protocols
More results

Similar Description - W3150

ManufacturerPart #DatasheetDescription
logo
WIZnet Co., Ltd
WIZ110SR WIZNET-WIZ110SR Datasheet
1Mb / 31P
   WIZnet?셲 s Onlin Technical l Support
Version 2.1.0
logo
Central Semiconductor C...
1N746A CENTRAL-1N746A Datasheet
432Kb / 3P
   Online technical data and parametric search
logo
Seoul Semiconductor
MJT-5050 SEOUL-MJT-5050 Datasheet
454Kb / 1P
   Technical Support using Acrich Kit
logo
PHOENIX CONTACT
2700600 PHOENIX-2700600 Datasheet
56Kb / 2P
   Multilingual software and projects, thanks to Unicode support and online selection
2701143 PHOENIX-2701143 Datasheet
56Kb / 2P
   Multilingual software and projects, thanks to Unicode support and online selection
2988201 PHOENIX-2988201 Datasheet
56Kb / 2P
   Multilingual software and projects, thanks to Unicode support and online selection
2988913 PHOENIX-2988913 Datasheet
57Kb / 2P
   Multilingual software and projects, thanks to Unicode support and online selection
2701938 PHOENIX-2701938 Datasheet
56Kb / 2P
   Multilingual software and projects, thanks to Unicode support and online selection
logo
Nova Electric. All Righ...
NEDM30 NOVA-NEDM30 Datasheet
622Kb / 4P
   Modular Online UPS
NEHRL11 NOVA-NEHRL11 Datasheet
280Kb / 2P
   Rack Online UPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com