Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT28F320W18BD60 Datasheet(PDF) 1 Page - Intel Corporation

Part # GT28F320W18BD60
Description  Intel짰 Wireless Flash Memory
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GT28F320W18BD60 Datasheet(HTML) 1 Page - Intel Corporation

  GT28F320W18BD60 Datasheet HTML 1Page - Intel Corporation GT28F320W18BD60 Datasheet HTML 2Page - Intel Corporation GT28F320W18BD60 Datasheet HTML 3Page - Intel Corporation GT28F320W18BD60 Datasheet HTML 4Page - Intel Corporation GT28F320W18BD60 Datasheet HTML 5Page - Intel Corporation GT28F320W18BD60 Datasheet HTML 6Page - Intel Corporation GT28F320W18BD60 Datasheet HTML 7Page - Intel Corporation GT28F320W18BD60 Datasheet HTML 8Page - Intel Corporation GT28F320W18BD60 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 100 page
background image
Intel® Wireless Flash Memory (W18)
28F320W18, 28F640W18, 28F128W18
Datasheet
Product Features
The Intel
® Wireless Flash Memory (W18) device with flexible multi-partition dual operation,
provides high-performance asynchronous and synchronous burst reads. It is an ideal memory for
low-voltage burst CPUs. Combining high read performance with flash memory’s intrinsic non-
volatility, the W18 device eliminates the traditional system-performance paradigm of shadowing
redundant code memory from slow nonvolatile storage to faster execution memory. It reduces
the total memory requirement that increases reliability and reduces overall system power
consumption and cost.
The W18 device’s flexible multi-partition architecture allows programming or erasing to occur
in one partition while reading from another partition. This allows for higher data write
throughput compared to single partition architectures. The dual-operation architecture also
allows two processors to interleave code operations while program and erase operations take
place in the background. The designer can also choose the size of the code and data partitions via
the flexible multi-partition architecture.
High Performance Read-While-Write/
Erase
— Burst frequency at 66 MHz
— 60 ns Initial Access Read Speed
— 11 ns Burst-Mode Read Speed
— 20 ns Page-Mode Read Speed
— 4-, 8-, 16-, and Continuous-Word Burst
Mode Reads
— Burst and Page Mode Reads in all
Blocks, across all partition boundaries
— Burst Suspend Feature
— Enhanced Factory Programming at
3.1 µs/word (typ.for 0.13 µm)
Security
— 128-bit Protection Register
— 64-bits Unique Programmed by Intel
— 64-bits User-Programmable
— Absolute Write Protection with VPP at
Ground
— Individual and Instantaneous Block
Locking/Unlocking with Lock-Down
Capability
Quality and Reliability
— Temperature Range: –40 °C to +85 °C
— 100k Erase Cycles per Block
— 0.13 µ m ETOX™ VIII Process
— 0.18 µ m ETOX™ VII Process
Architecture
— Multiple 4-Mbit Partitions
— Dual Operation: RWW or RWE
— 8KB parameter blocks
— 64KB main blocks
— Top or Bottom Parameter Devices
— 16-bit wide data bus
Software
— 5 µs (typ.) Program and Erase Suspend
Latency Time
— Flash Data Integrator (FDI) and Common
Flash Interface (CFI) Compatible
— Programmable WAIT Signal Polarity
Packaging and Power
— 0.13 µm: 32-, 64-, and 128-Mbit in VF
BGA Package; 128-Mbit in QUAD+
Package
— 0.18 µm: 32- and 128-Mbit Densities in
VF BGA Package; 64-Mbit Density in
µBGA* Package
— 56 Active Ball Matrix, 0.75 mm Ball-
Pitch
—VCC = 1.70 V to 1.95 V
—VCCQ = 1.70 V to 2.24 V or 1.35 V to
1.80 V
— Standby current (0.13 µm): 8µA (typ.)
— Read current: 7mA (typ.)
290701-009
December 2003
Notice: This document contains information on new products in production. The specifications
are subject to change without notice. Verify with your local Intel sales office that you have the
latest datasheet before finalizing a design.


Similar Part No. - GT28F320W18BD60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
GT28F320B3B110 INTEL-GT28F320B3B110 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
GT28F320B3B90 INTEL-GT28F320B3B90 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
GT28F320B3BA100 INTEL-GT28F320B3BA100 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
GT28F320B3BA110 INTEL-GT28F320B3BA110 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
GT28F320B3BA110 INTEL-GT28F320B3BA110 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
More results

Similar Description - GT28F320W18BD60

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
290701-18 NUMONYX-290701-18 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W18)
28F640W30 NUMONYX-28F640W30 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W30)
logo
Rohm
BP3599 ROHM-BP3599 Datasheet
3Mb / 1P
   Wireless LAN Module with Flash Memory
logo
Numonyx B.V
251407-13 NUMONYX-251407-13 Datasheet
652Kb / 46P
   Wireless Flash Memory (W18/W30 SCSP)
313272-06 NUMONYX-313272-06 Datasheet
1Mb / 90P
   Numonyx Wireless Flash Memory (W18) with AD Multiplexed IO
logo
Intel Corporation
28F640L18 INTEL-28F640L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
28F128L30 NUMONYX-28F128L30 Datasheet
1Mb / 102P
   StrataFlash짰 Wireless Memory
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com