Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EZ80F91 Datasheet(PDF) 6 Page - Zilog, Inc.

Part # EZ80F91
Description  eZ80F91 Mini Enet Module
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

EZ80F91 Datasheet(HTML) 6 Page - Zilog, Inc.

Back Button EZ80F91 Datasheet HTML 2Page - Zilog, Inc. EZ80F91 Datasheet HTML 3Page - Zilog, Inc. EZ80F91 Datasheet HTML 4Page - Zilog, Inc. EZ80F91 Datasheet HTML 5Page - Zilog, Inc. EZ80F91 Datasheet HTML 6Page - Zilog, Inc. EZ80F91 Datasheet HTML 7Page - Zilog, Inc. EZ80F91 Datasheet HTML 8Page - Zilog, Inc. EZ80F91 Datasheet HTML 9Page - Zilog, Inc. EZ80F91 Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
PS023602-0804
P R E L I M I N A R Y
The eZ80F91 Mini Enet Module
eZ80F915005MOD
eZ80F91 Mini Enet Module Product Specification
1
The eZ80F91 Mini Enet Module
The eZ80F91 Mini Enet Module is a compact, high-performance Ethernet module
specially designed for the rapid development and deployment of embedded sys-
tems requiring control and Internet/Intranet connectivity.
This expandable module is powered by ZiLOG’s latest power-efficient, high-
speed, optimized pipeline architecture eZ80F91 microcontroller, a member of
ZILOG’s family of eZ80Acclaim! Flash Microcontrollers.
The eZ80F91 is a high-speed single-cycle instruction-fetch microcontroller, which
can operate with a clock speed of 50MHz. It can operate in Z80-compatible
addressing mode (64KB) or full 24-bit addressing mode (16MB).
The rich peripheral set of the eZ80F91 Mini Enet Module makes it suitable for a
variety of applications, including industrial control, IrDA connectivity, communica-
tion, security, automation, point-of-sale terminals, and embedded networking
applications.
Module Features
Factory-default 5MHz crystal oscillator input, 50MHz maximum operating speed
via PLL
10/100 Base-T Ethernet PHY with RJ45 connector
128KB fast external SRAM
256KB on-chip Flash memory
8KB on-chip SRAM
Real-Time Clock support
I/O connector provides 32 general-purpose 5V-tolerant I/O pinouts
Onboard connector provides I/O bus for external peripheral connections (IRQ,
CS, 24 address, 8 data)
Connection to eZ80Acclaim!™ Development Platform via two 56-pin mini-head-
ers
Small footprint 50mm x 47.5mm
3.3V power supply
Standard operating temperature range: 0ºC to +70ºC


Similar Part No. - EZ80F91

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
EZ80F91 ZILOG-EZ80F91 Datasheet
4Mb / 396P
   eZ80Acclaim-TM Flash Microcontrollers
EZ80F91 ZILOG-EZ80F91 Datasheet
581Kb / 22P
   Real-time clock support
eZ80F91 ZILOG-eZ80F91 Datasheet
1Mb / 30P
   Factory-default operating clock frequency at 50 MHz
EZ80F910200ZCO ZILOG-EZ80F910200ZCO Datasheet
4Mb / 396P
   eZ80Acclaim-TM Flash Microcontrollers
EZ80F910200ZCO ZILOG-EZ80F910200ZCO Datasheet
113Kb / 2P
   Terminal block inputs for some ADC channels on the Z8 Encore! MCU family
More results

Similar Description - EZ80F91

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
EZ80F915050MOD ZILOG-EZ80F915050MOD Datasheet
509Kb / 34P
   eZ80F91 Module compact, high-performance Ethernet module
logo
NHP Electrical Engineer...
1747-AENTR NHP-1747-AENTR Datasheet
552Kb / 1P
   SLC50x ENET COMMUNICAITON MODULE 2COPPER-FE DLR
8 June 2023,
1769-AENTR NHP-1769-AENTR Datasheet
543Kb / 1P
   COMPACTLOGIX ENET DLR ADAPTER
8 June 2023,
1756-EN2TR NHP-1756-EN2TR Datasheet
536Kb / 2P
   CONTROLLOGIX ENET MODULE DUAL 128 TCP 8 AXES MB
8 June 2023,
1756-EN2T NHP-1756-EN2T Datasheet
533Kb / 2P
   CONTROLLOGIX ENET MODULE SINGLE 128 TCP 8 AXES MB
8 June 2023,
1756-EN3TR NHP-1756-EN3TR Datasheet
629Kb / 2P
   CONTROLLOGIX ENET MODULE DUAL 128 TCP 128 AXES MB
8 June 2023,
1756-EN4TR NHP-1756-EN4TR Datasheet
630Kb / 2P
   CONTROLLOGIX ENET MODULE DUAL 512 TCP 256 AXES GB
8 June 2023,
1756-EN2F NHP-1756-EN2F Datasheet
623Kb / 1P
   CONTROLLOGIX ENET MODULE SINGLE 128 TCP 8 AXES FIBER MB
8 June 2023,
logo
Vicor Corporation
21313 VICOR-21313 Datasheet
69Kb / 1P
   MODULE SHIELD MINI
logo
List of Unclassifed Man...
ASY90147 ETC1-ASY90147 Datasheet
143Kb / 16P
   Bleutooth Mini Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com