Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40200D Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40200D
Description  WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40200D Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS40200D Datasheet HTML 4Page - Texas Instruments TPS40200D Datasheet HTML 5Page - Texas Instruments TPS40200D Datasheet HTML 6Page - Texas Instruments TPS40200D Datasheet HTML 7Page - Texas Instruments TPS40200D Datasheet HTML 8Page - Texas Instruments TPS40200D Datasheet HTML 9Page - Texas Instruments TPS40200D Datasheet HTML 10Page - Texas Instruments TPS40200D Datasheet HTML 11Page - Texas Instruments TPS40200D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
www.ti.com
7
7.2
7.4
7.6
7.8
8
8.2
8.4
5
10
15
20
25
30
35
40
45
50
55
V
- V
DD
V = 25°C
J
-50
-25
0
25
50
75
100
125
Temp - °C
6.4
6.6
6.8
7
7.2
7.4
7.6
7.8
8
V
= 12
DD
V
0
1
2
3
4
5
6
5
10
15
20
25
30
35
40
45
50
55
V
- V
DD
T = 25°C
J
700
702
704
706
708
710
712
714
716
718
720
-50
-25
0
25
50
75
100
125
Temp - °C
V
= 4
DD
.5 V
V
= 12 V
DD
700
702
704
706
708
710
712
714
716
718
720
-50
-25
0
25
50
75
100
125
Temp - °C
V
= 50 V
DD
V
= 24
DD
V
TPS40200
SLUS659 – FEBRUARY 2006
TYPICAL CHARACTERISTICS (continued)
GATE DRIVE VOLTAGE vs TEMPERATURE
GATE DRIVE VOLTAGE vs VIN
Figure 21.
Figure 22.
RAMP VOLTAGE vs VDD
REFERENCE VOLTAGE vs TEMPERATURE
Figure 23.
Figure 24.
REFERENCE VOLTAGE vs TEMPERATURE
Figure 25.
8
Submit Documentation Feedback


Similar Part No. - TPS40200D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200D TI-TPS40200D Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200D TI-TPS40200D Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200D TI1-TPS40200D Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200DG4 TI-TPS40200DG4 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200DG4 TI-TPS40200DG4 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
More results

Similar Description - TPS40200D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40200_081 TI-TPS40200_081 Datasheet
1Mb / 43P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI1-TPS40200_16 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200 TI-TPS40200_08 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI-TPS40200_15 Datasheet
1Mb / 49P
[Old version datasheet]   TPS40200 Wide Input Range Non-Synchronous Voltage Mode Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI1-LM5088_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
Global Mixed-mode Techn...
G5212 GMT-G5212 Datasheet
72Kb / 1P
   Wide Input Range Synchronous Buck DCDC Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com