Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1577 Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1577
Description  External NMOS Step-Down PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1577 Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1577 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1577 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1577 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1577 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1577 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1577 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1577 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1577 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1577 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AIC1577
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Input Voltage (V)
Fig. 3 Efficiency vs Input Voltage
0
5
10
15
20
25
30
70
75
80
85
90
95
100
VOUT=3.3V
ILOAD=1A
ILOAD=0.1
A
Input Voltage (V)
Fig. 4 Efficiency vs Input Voltage
0
5
10
15
20
25
30
70
75
80
85
90
95
100
VOUT=5V
ILOAD=1A
ILOAD=0.1A
Input Voltage (V)
Fig. 5 Supply Current vs Input Voltage
0
5
10
15
20
25
30
0
20
40
500
600
700
800
900
Normal Mode
Shutdown
Boost Load Current (mA)
Fig. 6 Boost Load Regulation
0
VCC=5V
VCC=15V
VPHASE=0V
0
510
15
20
1
2
3
4
5
6
7
Input Voltage (V)
Fig. 7 Boost Line Regulation
IBOOST=2mA
VPHASE=0V
0
5
10
15
20
25
30
1
3
5
7
0
2
4
6
VCC DOWN
VCC UP
Temperature (
°C)
Fig. 8 Reference Voltage vs Temperature
-40
-20
0
20
40
60
80
100
120
140
0.790
0.791
0.792
0.793
0.794
0.795
0.796
0.797
0.798
0.799
0.800
0.801
0.802
0.803
0.804
0.805
5


Similar Part No. - AIC1577

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1570 AIC-AIC1570 Datasheet
418Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
AIC1570CS AIC-AIC1570CS Datasheet
418Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
AIC1571 AIC-AIC1571 Datasheet
462Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
AIC1571CS AIC-AIC1571CS Datasheet
462Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
AIC1573 AIC-AIC1573 Datasheet
316Kb / 19P
   5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
More results

Similar Description - AIC1577

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6577 SSC-SS6577 Datasheet
722Kb / 14P
   External NMOS Step-Down PWM Controller
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Unisonic Technologies
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
logo
Unisonic Technologies
UC4601 UTC-UC4601_18 Datasheet
123Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com