Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1577-POTR Datasheet(PDF) 11 Page - Analog Intergrations Corporation

Part # AIC1577-POTR
Description  External NMOS Step-Down PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1577-POTR Datasheet(HTML) 11 Page - Analog Intergrations Corporation

Back Button AIC1577-POTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC1577-POTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC1577-POTR Datasheet HTML 8Page - Analog Intergrations Corporation AIC1577-POTR Datasheet HTML 9Page - Analog Intergrations Corporation AIC1577-POTR Datasheet HTML 10Page - Analog Intergrations Corporation AIC1577-POTR Datasheet HTML 11Page - Analog Intergrations Corporation AIC1577-POTR Datasheet HTML 12Page - Analog Intergrations Corporation AIC1577-POTR Datasheet HTML 13Page - Analog Intergrations Corporation AIC1577-POTR Datasheet HTML 14Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AIC1577
return to its designed value when the peak inductor
value no longer exceeds over current protection
point.
11
Over Voltage Protection
Over voltage protection occurs when the FB pin
voltage (the negative input of error amplifier) ex-
ceeds 0.855V. The over voltage comparator will
force driver to pull low until output over voltage is
removed.
PCB Layout
Since operating in a high switching frequency,
500KHz, proper PCB layout and component place-
ment may enhance the performance of AIC 1577
application circuit. For a better efficiency, major loop
from input terminal to output terminal should be as
short as possible. In addition, in the case of a large
current loop, the track width of each component in
the loop should maintain as wide as possible.
In order to prevent the effect from noise, the GND
pin should be placed close to the ground. Also keep
the IC’s GND pin and the ground leads in the short-
est distance. Recommended layout diagrams and
component placement are as shown as figures 13
to 16. No sensitive components, which may cause
noise interference to the circuit, should be allowed
to be close to SW pin.
Furthermore, AIC1577 is a current mode controller.
Remaining the sense resistor close to both VIN and
CS pins is recommended for better efficiency and
output performance. In addition, all filtering and de-
coupling capacitors, such as C1 and C2, should
connect to AIC1577 as close as possible.
Fig. 13 Top Layer
Fig. 14 Bottom Layer


Similar Part No. - AIC1577-POTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1570 AIC-AIC1570 Datasheet
418Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
AIC1570CS AIC-AIC1570CS Datasheet
418Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
AIC1571 AIC-AIC1571 Datasheet
462Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
AIC1571CS AIC-AIC1571CS Datasheet
462Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
AIC1573 AIC-AIC1573 Datasheet
316Kb / 19P
   5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
More results

Similar Description - AIC1577-POTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6577 SSC-SS6577 Datasheet
722Kb / 14P
   External NMOS Step-Down PWM Controller
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Unisonic Technologies
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
logo
Unisonic Technologies
UC4601 UTC-UC4601_18 Datasheet
123Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com